Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8052LP Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LV8052LP
Description  Bi-CMOS IC For Digital Still Camera Single-Chip Motor Driver IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8052LP Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LV8052LP Datasheet HTML 1Page - Sanyo Semicon Device LV8052LP Datasheet HTML 2Page - Sanyo Semicon Device LV8052LP Datasheet HTML 3Page - Sanyo Semicon Device LV8052LP Datasheet HTML 4Page - Sanyo Semicon Device LV8052LP Datasheet HTML 5Page - Sanyo Semicon Device LV8052LP Datasheet HTML 6Page - Sanyo Semicon Device LV8052LP Datasheet HTML 7Page - Sanyo Semicon Device LV8052LP Datasheet HTML 8Page - Sanyo Semicon Device LV8052LP Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
LV8052GP,LV8052LP
No.A0482-2/13
Electrical Characteristics at Ta
= 25°C, VM = 5.0V, VCC = 3.3V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Input H-level voltage
VINH
EN, MD1 to 3, IN1 to 2, INA to B, SWPI
2.5
V
Input L-level voltage
VINL
EN, MD1 to 3, IN1 to 2, INA to B, SWPI
1.0
V
IINL
VIN = 0V
1.0
µA
Input pin current
IINH
VIN = 3.3V
20
33
50
µA
Current drain at standby
ICCO
EN, INA to B = “L”
1.0
µA
Current drain 1
IM
EN = “H”, MD1 to 3, IN1 to 2, INA to B = “H”,
no load
40
80
160
µA
Current drain 2
ICC
EN = “H”, MD1 to 3, IN1 to 2, INA to B = “H”,
no load
0.5
1.0
1.8
mA
VCC low-voltage cut voltage
VthVCC
2.1
2.35
2.6
V
Low-voltage hysteresis voltage
VthHYS
100
150
200
mV
Thermal shutdown temperature
TSD
Design guarantee
150
180
200
°C
Thermal hysteresis width
∆TSD
Design guarantee
20
40
60
°C
Motor driver for SH (OUT1-2)
Ronu
IO = 400mA, upper ON resistance
0.65
0.80
Output ON resistance
Rond
IO = 400mA, lower ON resistance
0.45
0.60
Output leak current
IOleak
1.0
µA
Diode forward voltage
VD
ID = -400mA
0.7
0.9
1.2
V
IO1
OUT2
→OUT1, RRFS = 1Ω, 3.0V ≤ VM ≤ 5.0V
117.5
125.0
132.5
mA
IO2
OUT1
→OUT2, RRFS = 1Ω, 3.0V ≤ VM ≤ 5.0V
117.5
125.0
132.5
mA
IO3
OUT2
→OUT1, RRFS = 1Ω, 2.9V ≤ VM ≤ 3.1V
116.9
123.0
129.1
mA
Output constant current
IO4
OUT1
→OUT2, RRFS = 1Ω, 2.9V ≤ VM ≤ 3.1V
116.9
123.0
129.1
mA
Stepping motor driver for AF (OUT2-3, OUT6-7)
Ronu
IO = 400mA, upper ON resistance
0.65
0.80
Output ON resistance
Rond
IO = 400mA, lower ON resistance
0.45
0.60
Output leak current
IOleak
1.0
µA
Diode forward voltage
VD
ID = -400mA
0.7
0.9
1.2
V
Motor driver for ZOOM (OUT4-8)
Ronu
IO = 400mA, upper ON resistance
0.65
0.80
Output ON resistance
Rond
IO = 400mA, lower ON resistance
0.45
0.60
Output leak current
IOleak
1.0
µA
Diode forward voltage
VD
ID = -400mA
0.7
0.9
1.2
V
Motor driver for AE (OUT5-6)
Ronu
IO = 400mA, upper ON resistance
0.65
0.80
Output ON resistance
Rond
IO = 400mA, lower ON resistance
0.45
0.60
Output leak current
IOleak
1.0
µA
Diode forward voltage
VD
ID = -400mA
0.7
0.9
1.2
V
Photo sensor driving transistor (PI)
Output ON resistance
Ron
IO = 30mA
3.0
6.0
Output leak current
IOleak
1.0
µA


Similar Part No. - LV8052LP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8051PL SANYO-LV8051PL Datasheet
106Kb / 14P
Bi-CMOS IC For Digital Still Cameras 6-channel 1-chip Motor Driver IC
LV8054LP SANYO-LV8054LP Datasheet
512Kb / 23P
Bi-CMOS IC For Digital Cameras Single-chip motor Driver IC
More results

Similar Description - LV8052LP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65520 TI-TPS65520 Datasheet
1Mb / 61P
POWER MANAGEMENT IC FOR DIGITAL STILL CAMERA
logo
Ceramate Technical
CMD8649 CERAMATE-CMD8649 Datasheet
228Kb / 8P
Lens Motor Driver for Digital Still Camera
logo
Sanyo Semicon Device
LB8649W SANYO-LB8649W Datasheet
133Kb / 9P
Monolithic Digital IC Digital Camera Motor Driver
LV8042LG SANYO-LV8042LG Datasheet
201Kb / 29P
Bi-CMOS IC For Digital Still Cameras 7-Channel Single-Chip Motor Driver ICs
LV8044LP SANYO-LV8044LP Datasheet
463Kb / 25P
Bi-CMOS LSI For Digital Still Camera 6-channel Motor Driver IC
LV8051PL SANYO-LV8051PL Datasheet
106Kb / 14P
Bi-CMOS IC For Digital Still Cameras 6-channel 1-chip Motor Driver IC
LV8054LP SANYO-LV8054LP Datasheet
512Kb / 23P
Bi-CMOS IC For Digital Cameras Single-chip motor Driver IC
logo
Texas Instruments
TPS65520A TI1-TPS65520A Datasheet
1Mb / 61P
POWER MANAGEMENT IC FOR DIGITAL STILL CAMERA
logo
Sanyo Semicon Device
LV8048CS SANYO-LV8048CS Datasheet
820Kb / 28P
For Digital Still Cameras Single-chip motor driver IC for
logo
ON Semiconductor
LV8829LFQAGEVK ONSEMI-LV8829LFQAGEVK Datasheet
232Kb / 13P
Bi-CMOS IC For Brushless Motor Drive PWM Driver IC
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com