Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8052LP Datasheet(PDF) 1 Page - Sanyo Semicon Device

Part # LV8052LP
Description  Bi-CMOS IC For Digital Still Camera Single-Chip Motor Driver IC
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LV8052LP Datasheet(HTML) 1 Page - Sanyo Semicon Device

  LV8052LP Datasheet HTML 1Page - Sanyo Semicon Device LV8052LP Datasheet HTML 2Page - Sanyo Semicon Device LV8052LP Datasheet HTML 3Page - Sanyo Semicon Device LV8052LP Datasheet HTML 4Page - Sanyo Semicon Device LV8052LP Datasheet HTML 5Page - Sanyo Semicon Device LV8052LP Datasheet HTML 6Page - Sanyo Semicon Device LV8052LP Datasheet HTML 7Page - Sanyo Semicon Device LV8052LP Datasheet HTML 8Page - Sanyo Semicon Device LV8052LP Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
D1306 MS PC 20060626-S00005,B8-9194 No.A0482-1/13
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before usingany SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.
LV8052GP
LV8052LP
Overview
The LV8052GP, LV8052LP is a single-chip motor driver IC for digital still camera.
Functions
• DSC actuator driver incorporated in a single chip
• Photo sensor driving transistor incorporated
• Various actuator applications possible
• Reduction of the current drain by MOS output
Specifications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage 1
VM max
6V
Supply voltage 2
VCC max
6V
Output peak current
IO peak
OUT1 to 8
600
mA
IO max1
OUT1 to 8
400
mA
Output continuous current
IO max2
PI
50
mA
Allowable power dissipation
Pd max
Mounted on a circuit board*
1.05
W
Operating temperature
Topr
-20 to +85
°C
Storage temperature
Tstg
-55 to +150
°C
* Standard circuit board : 40
×50×0.8mm3 glass epoxy four-layer board
Recommended Operating Conditions at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage range 1
VM
2.7 to 5.5
V
Supply voltage range 2
VCC
2.7 to 5.5
V
Logic input voltage
VIN
0 to VCC+0.3
V
Input frequency
fIN
EN, MD1 to 3, IN1 to 2, INA to B, SWPI
to 100
kHz
Bi-CMOS IC
For Digital Still Camera
Single-Chip Motor Driver IC
Ordering number : ENA0482A


Similar Part No. - LV8052LP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8051PL SANYO-LV8051PL Datasheet
106Kb / 14P
   Bi-CMOS IC For Digital Still Cameras 6-channel 1-chip Motor Driver IC
LV8054LP SANYO-LV8054LP Datasheet
512Kb / 23P
   Bi-CMOS IC For Digital Cameras Single-chip motor Driver IC
More results

Similar Description - LV8052LP

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8044LP SANYO-LV8044LP Datasheet
463Kb / 25P
   Bi-CMOS LSI For Digital Still Camera 6-channel Motor Driver IC
LV8051PL SANYO-LV8051PL Datasheet
106Kb / 14P
   Bi-CMOS IC For Digital Still Cameras 6-channel 1-chip Motor Driver IC
LV8054LP SANYO-LV8054LP Datasheet
512Kb / 23P
   Bi-CMOS IC For Digital Cameras Single-chip motor Driver IC
LV8042LG SANYO-LV8042LG Datasheet
201Kb / 29P
   Bi-CMOS IC For Digital Still Cameras 7-Channel Single-Chip Motor Driver ICs
LV8048CS SANYO-LV8048CS Datasheet
820Kb / 28P
   For Digital Still Cameras Single-chip motor driver IC for
logo
Texas Instruments
TPS65520 TI-TPS65520 Datasheet
1Mb / 61P
[Old version datasheet]   POWER MANAGEMENT IC FOR DIGITAL STILL CAMERA
TPS65520A TI1-TPS65520A Datasheet
1Mb / 61P
[Old version datasheet]   POWER MANAGEMENT IC FOR DIGITAL STILL CAMERA
logo
Ceramate Technical
CMD8649 CERAMATE-CMD8649 Datasheet
228Kb / 8P
   Lens Motor Driver for Digital Still Camera
logo
Sanyo Semicon Device
LB8649W SANYO-LB8649W Datasheet
133Kb / 9P
   Monolithic Digital IC Digital Camera Motor Driver
logo
ON Semiconductor
LV8829LFQAGEVK ONSEMI-LV8829LFQAGEVK Datasheet
232Kb / 13P
   Bi-CMOS IC For Brushless Motor Drive PWM Driver IC
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com