Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC87F06J2A Datasheet(PDF) 21 Page - Sanyo Semicon Device

Part # LC87F06J2A
Description  CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F06J2A Datasheet(HTML) 21 Page - Sanyo Semicon Device

Back Button LC87F06J2A Datasheet HTML 17Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 18Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 19Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 20Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 21Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 22Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 23Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 24Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 25Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 32 page
background image
LC87F06J2A
No.A0432-21/32
Consumption Current Characteristics
at Ta = -20°C to +70°C, VSS1 = VSS2 = VSS3 = VSS4 = VSSVCO = 0V
Specification
Parameter
Symbol
Pins/
Remarks
Conditions
VDD[V]
min
typ
max
unit
IDDOP(1)
• FmCF=15MHz ceramic oscillation mode
• FsX’tal=32.768kHz by crystal oscillation
mode
• System clock set to 15MHz side
• Internal RC oscillation stopped
• frequency variable RC oscillation stopped
• 1/1 frequency division ratio.
• Slicer PLL is in running.
• Slicer RC oscillation is in running.
• Data Slicer is in running.
4.75 to 5.25
17
38
IDDOP(2)
• FmCF=15MHz ceramic oscillation mode
• FsX’tal=32.768kHz by crystal oscillation
mode
• System clock set to 15MHz side
• Internal RC oscillation stopped
• frequency variable RC oscillation stopped
• 1/1 frequency division ratio.
4.5 to 5.5
10
24
IDDOP(3)
4.5 to 5.5
0.7
4.5
IDDOP(4)
• FmCF=0Hz(oscillation stopped)
• FsX’tal=32.768kHz by crystal oscillation
mode
• System clock set to internal RC oscillation
• frequency variable RC oscillation stopped
•1/2 frequency division ratio.
2.7 to 4.5
0.4
3
IDDOP(5)
4.5 to 5.5
1.3
6
IDDOP(6)
• FmCF=0Hz(oscillation stopped)
• FsX'tal=32.768kHz by crystal oscillation
mode.
• System clock set to 1MHz with frequency
variable RC oscillation
• Internal RC oscillation stopped
• 1/2 frequency division ratio.
2.7 to 4.5
0.8
4.5
mA
IDDOP(7)
4.5 to 5.5
40
120
Normal mode
consumption
current
(Note 7-1)
IDDOP(8)
VDD1
=VDD2
=VDD3
=VDD4
=VDDODA
=VDDVCO
• FmCF=0Hz(oscillation stopped)
• FsX'tal=32.768kHz by crystal oscillation
mode.
• System clock set to 32.768kHz side.
• Internal RC oscillation stopped
• frequency variable RC oscillation stopped
• 1/2 frequency division ratio.
2.7 to 4.5
18
80
µA
Note 7-1: The consumption current value includes none of the currents that flow into the output Tr and internal pull-up
resistors
Continued on next page.


Similar Part No. - LC87F06J2A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC87F0808 ONSEMI-LC87F0808 Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F0808A SANYO-LC87F0808A Datasheet
158Kb / 25P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC87F0808AUQFPTLM-H ONSEMI-LC87F0808AUQFPTLM-H Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
More results

Similar Description - LC87F06J2A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F5LP6A SANYO-LC87F5LP6A Datasheet
176Kb / 28P
   CMOS IC FROM 256K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2B SANYO-LC87F7DJ2B_10 Datasheet
172Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2C SANYO-LC87F7DJ2C Datasheet
214Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F2924B SANYO-LC87F2924B Datasheet
195Kb / 28P
   CMOS IC FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F2932A SANYO-LC87F2932A Datasheet
203Kb / 29P
   CMOS IC FROM 32K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5N62B SANYO-LC87F5N62B Datasheet
176Kb / 25P
   CMOS IC FROM 66K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A Datasheet
180Kb / 27P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A Datasheet
140Kb / 21P
   CMOS IC FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A Datasheet
189Kb / 26P
   CMOS IC FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com