Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC87F06J2A Datasheet(PDF) 20 Page - Sanyo Semicon Device

Part # LC87F06J2A
Description  CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F06J2A Datasheet(HTML) 20 Page - Sanyo Semicon Device

Back Button LC87F06J2A Datasheet HTML 16Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 17Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 18Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 19Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 20Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 21Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 22Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 23Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 24Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
LC87F06J2A
No.A0432-20/32
Pulse Input Conditions at Ta = -20°C to +70°C, VSS1 = VSS2 = VSS3 = VSS4 = VSSVCO = 0V
Specification
Parameter
Symbol
Pins/Remarks
Conditions
VDD[V]
min
typ
max
unit
tPIH(1)
tPIL(1)
INT0(P70),
INT1(P71),
INT2(P72)
INT4(P20 to P23),
INT5(P24 to P27),
INT6(P20),
INT7(P24)
• Interrupt source flag can be set.
• Event inputs for timer 0 or 1 are
enabled.
2.7 to 5.5
1
tPIH(2)
tPIL(2)
INT3(P73) when
noise filter time
constant is 1/1.
• Interrupt source flag can be set.
• Event inputs for timer 0 are
enabled.
2.7 to 5.5
2
tPIH(3)
tPIL(3)
INT3(P73)
(The noise rejection
clock is selected to
1/32.)
• Interrupt source flag can be set.
• Event inputs for timer 0 are
enabled.
2.7 to 5.5
64
tPIH(4)
tPIL(4)
INT3(P73)
(The noise rejection
clock is selected to
1/128.)
• Interrupt source flag can be set.
• Event inputs for timer 0 are
enabled.
2.7 to 5.5
256
tPIH(5)
tPIL(5)
HCTR(P22)
CSYNC(PB6)
• Count clock inputs for H-counter
are enabled.
2.7 to 5.5
1
tCYC
High/low level
pulse width
tPIL(6)
RES
Reset acceptable
2.7 to 5.5
200
µs
AD Converter Characteristics at Ta = -20°C to +70°C, VSS1 = VSS2 = VSS3 = VSS4 = VSSVCO = 0V
Specification
Parameter
Symbol
Pins/Remarks
Conditions
VDD[V]
min
typ
max
unit
Resolution
N
3.0 to 5.5
8
bit
Absolute
precision
ET
(Note 6-1)
3.0 to 5.5
±1.5
LSB
4.5 to 5.5
12.54
(tCYC=
0.396µs)
97.92
(tCYC=
3.06µs)
AD conversion time=32 × tCYC
(when ADCR2=0)
(Note 6-2)
3.0 to 5.5
47.04
(tCYC=
1.47µs)
97.92
(tCYC=
3.06µs)
Conversion
time
TCAD
AD conversion time=64 × tCYC
(when ADCR2=1)
(Note 6-2)
4.5 to 5.5
12.54
(tCYC=
0.198µs)
97.92
(tCYC=
1.53µs)
µs
Analog input
voltage range
VAIN
3.0 to 5.5
VSS
VDD
V
IAINH
VAIN=VDD
3.0 to 5.5
1
Analog port
input current
IAINL
AN0(P80)
to AN7(P87),
AN8(PC1),
AN9(PC2),
AN10(PC3),
AN11(PC4),
AN12(PE0),
AN13(PE1),
AN14(PE2),
AN15(PE3)
VAIN=VSS
3.0 to 5.5
-1
µA
Note 6-1: The quantization error (±1/2 LSB) is excluded from the absolute accuracy value.
Note 6-2: The conversion time refers to the interval from the time the instruction for starting the converter is issued till
the complete digital value corresponding to the analog input value is loaded in the required register.


Similar Part No. - LC87F06J2A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC87F0808 ONSEMI-LC87F0808 Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F0808A SANYO-LC87F0808A Datasheet
158Kb / 25P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC87F0808AUQFPTLM-H ONSEMI-LC87F0808AUQFPTLM-H Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
More results

Similar Description - LC87F06J2A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F5LP6A SANYO-LC87F5LP6A Datasheet
176Kb / 28P
   CMOS IC FROM 256K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2B SANYO-LC87F7DJ2B_10 Datasheet
172Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2C SANYO-LC87F7DJ2C Datasheet
214Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F2924B SANYO-LC87F2924B Datasheet
195Kb / 28P
   CMOS IC FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F2932A SANYO-LC87F2932A Datasheet
203Kb / 29P
   CMOS IC FROM 32K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5N62B SANYO-LC87F5N62B Datasheet
176Kb / 25P
   CMOS IC FROM 66K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A Datasheet
180Kb / 27P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A Datasheet
140Kb / 21P
   CMOS IC FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A Datasheet
189Kb / 26P
   CMOS IC FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com