![]() |
Electronic Components Datasheet Search |
|
LC87F06J2A Datasheet(PDF) 2 Page - Sanyo Semicon Device |
|
|
LC87F06J2A Datasheet(HTML) 2 Page - Sanyo Semicon Device |
2 / 32 page ![]() LC87F06J2A No.A0432-2/32 Minimum Instruction Cycle Time (tCYC) • 200ns (15MHz, 1/1 frequency division ratio) Ports • Normal withstand voltage I/O ports Ports whose I/O direction can be designated in 1 bit units: 75 (P1n, P2n, P3n, P70 to P73, P8n, PAn, PB0 to PB2, PCn, S2Pn, XT2, PWM0, PWM1, PEn, PFn ) Ports whose I/O direction can be designated in 4 bit units: 8 (P0n) • Normal withstand voltage input ports: 1 (XT1) • Dedicated oscillator ports: 2 (CF1, CF2) • Reset pin: 1 (RES) • Data slicer pins: 2 (PB4, PB6) • Power pins: 11 (VSS1 to VSS4, VDD1 to VDD4, VSSVCO, VDDVCO, VDDODA) Timer • Timer 0: 16-bit timer/counter with capture register Mode 0: 8-bit timer with an 8-bit programmable prescaler (with two 8-bit capture registers) × 2 channels Mode 1: 8-bit timer with an 8-bit programmable prescaler (with two 8-bit capture registers) + 8-bit counter (with two 8-bit capture registers) Mode 2: 16-bit timer with an 8-bit programmable prescaler (with two 16-bit capture registers) Mode 3: 16-bit counter (with two 16-bit capture registers) • Timer 1: 16-bit timer/counter that support PWM/ toggle output Mode 0: 8-bit timer with an 8-bit prescaler (with toggle outputs) + 8-bit timer/counter (with toggle outputs) Mode 1: 8-bit PWM with an 8-bit prescaler × 2 channels Mode 2: 16-bit timer/counter with an 8-bit prescaler (with toggle outputs) (toggle outputs also from the lower-order 8 bits) Mode 3: 16-bit timer with an 8-bit prescaler (with toggle outputs) (The lower-order 8 bits can be used as PWM.) • Timer 4: 8-bit timer with a 6-bit prescaler • Timer 5: 8-bit timer with a 6-bit prescaler • Timer 6: 8-bit timer with a 6-bit prescaler (with toggle outputs) • Timer 7: 8-bit timer with a 6-bit prescaler (with toggle outputs) • Timer 8: 16-bit timer with a prescaler (may be divided into 8-bit timers) • Base timer 1) The clock is selectable from the subclock (32.768kHz crystal oscillator), system clock, and timer 0 prescaler output. 2) Interrupts programmable in 5 different time schemes. Day and Time Counter 1) Using with a base timer, it can be used as 65,000 days + minute + second counter. High-speed Clock Counter 1) Can count clocks with a maximum clock rate of 20MHz (at a main clock of 10MHz). 2) Can generate output real time. SIO • SIO 0: 8 bit synchronous serial interface 1) LSB first/MSB first mode selectable 2) Built-in 8-bit baudrate generator (maximum transfer clock cycle = 4/3 tCYC) 3) Automatic continuous data transmission (1 to 256 bits) • SIO 1: 8 bit asynchronous/synchronous serial interface Mode 0: Synchronous 8-bit serial I/O (2- or 3-wire configuration, 2 to 512 tCYC transfer clocks) Mode 1: Asynchronous serial I/O (Half-duplex, 8 data bits, 1 stop bit, 8 to 2048 tCYC baudrates) Mode 2: Bus mode 1 (start bit, 8 data bits, 2 to 512 tCYC transfer clocks) Mode 3: Bus mode 2 (start detect, 8 data bits, stop detect) Continued on next page. |
Similar Part No. - LC87F06J2A |
|
Similar Description - LC87F06J2A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |