Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC87F06J2A Datasheet(PDF) 18 Page - Sanyo Semicon Device

Part # LC87F06J2A
Description  CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F06J2A Datasheet(HTML) 18 Page - Sanyo Semicon Device

Back Button LC87F06J2A Datasheet HTML 14Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 15Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 16Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 17Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 18Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 19Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 20Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 21Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 22Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
LC87F06J2A
No.A0432-18/32
3. SIO2 Serial I/O Characteristics (Note 4-3-1)
Specification
Parameter
Symbol
Pins/
Remarks
Conditions
VDD[V]
min
typ
max
unit
Frequency
tSCK(5)
2
Low level
pulse width
tSCKL(5)
1
tSCKH(5)
• See Fig. 6.
1
tSCKHA(5a)
• Continuous data
transmission/reception mode
of SIO0 is not in use
simultaneous.
• Universal remote control
transmitter is not in use
simultaneous.
• See Fig. 6.
• (Note 4-3-2)
4
High level
Pulse width
tSCKHA(5b)
SCK2
(SI2P2)
• Continuous data
transmission/reception mode
of SIO0 is in use simultaneous.
• Universal remote control
transmitter is in use
simultaneous.
• See Fig. 6.
• (Note 4-3-2)
2.7to 5.5
10
Frequency
tSCK(6)
4/3
tCYC
Low level
pulse width
tSCKL(6)
1/2
tSCKH(6)
• CMOS output selected.
• See Fig. 6.
1/2
tSCK
tSCKHA(6a)
• Continuous data
transmission/reception mode
of SIO0 is not in use
simultaneous.
• Universal remote control
transmitter is not in use
simultaneous.
• CMOS output selected.
• See Fig. 6.
tSCKH(6)
+(5/3)
tCYC
tSCKH(6)
+(10/3)
tCYC
High level
pulse width
tSCKHA(6b)
SCK2
(SI2P2),
SCK2O
(SI2P3)
• Continuous data
transmission/reception
mode of SIO0 is in use
simultaneous.
• Universal remote control
transmitter is in use
simultaneous.
• CMOS output elected.
• See Fig. 6.
2.7 to 5.5
tSCKH(6)
+(5/3)
tCYC
tSCKH(6)
+(28/3)
tCYC
tCYC
Data setup time
tsDI(3)
0.03
Data hold time
thDI(3)
SI2(SI2P1),
SB2(SI2P1)
• Must be specified with respect
to rising edge of SIOCLK
• See fig. 6.
2.7 to 5.5
0.03
Output delay time
tdDO(5)
SO2(SI2P0)
SB2(SI2P1)
• Must be specified with respect
to falling edge of SIOCLK
• Must be specified as the time
to the beginning of output state
change in open drain output
mode.
• See Fig. 6.
2.7 to 5.5
(1/3)tCYC
+0.05
µs
Note 4-3-1: These specifications are theoretical values. Add margin depending on its use.
Note 4-3-2: To use serial-clock-input , a time from SI2RUN being set when serial clock is "H" to the first negative edge
of the serial clock must be longer than tSCKHA.


Similar Part No. - LC87F06J2A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC87F0808 ONSEMI-LC87F0808 Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F0808A SANYO-LC87F0808A Datasheet
158Kb / 25P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC87F0808AUQFPTLM-H ONSEMI-LC87F0808AUQFPTLM-H Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
More results

Similar Description - LC87F06J2A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F5LP6A SANYO-LC87F5LP6A Datasheet
176Kb / 28P
   CMOS IC FROM 256K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2B SANYO-LC87F7DJ2B_10 Datasheet
172Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2C SANYO-LC87F7DJ2C Datasheet
214Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F2924B SANYO-LC87F2924B Datasheet
195Kb / 28P
   CMOS IC FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F2932A SANYO-LC87F2932A Datasheet
203Kb / 29P
   CMOS IC FROM 32K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5N62B SANYO-LC87F5N62B Datasheet
176Kb / 25P
   CMOS IC FROM 66K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A Datasheet
180Kb / 27P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A Datasheet
140Kb / 21P
   CMOS IC FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A Datasheet
189Kb / 26P
   CMOS IC FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com