Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC87F06J2A Datasheet(PDF) 15 Page - Sanyo Semicon Device

Part # LC87F06J2A
Description  CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F06J2A Datasheet(HTML) 15 Page - Sanyo Semicon Device

Back Button LC87F06J2A Datasheet HTML 11Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 12Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 13Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 14Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 15Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 16Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 17Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 18Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 19Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
LC87F06J2A
No.A0432-15/32
Electrical Characteristics at Ta = -20°C to +70°C, VSS1 = VSS2 = VSS3 = VSS4 = VSSVCO = 0V
Specification
Parameter
Symbol
Pins/Remarks
Conditions
VDD[V]
min
typ
max
unit
IIH(1)
Ports 0, 1, 2
Ports 3, 7, 8
Ports A, B, C, E, F
SI2P0 to SI2P3
RES
PWM0, PWM1
Output disable
Pull-up resistor OFF
VIN=VDD
(including the off-leak current of
the output Tr.)
2.7 to 5.5
1
IIH(2)
XT1, XT2
Using as an input port
VIN=VDD
2.7 to 5.5
1
IIH(3)
CF1
VIN=VDD
2.7 to 5.5
15
High level input
current
IIH(4)
P20, P24 Small
signal input side
VIN=VBIAS+0.5
(VBIAS is bias voltage)
4.5 to 5.5
4.2
8.5
15
IIL(1)
Ports 0, 1, 2
Ports 3, 7, 8
Ports A, B, C, E, F
SI2P0 to SI2P3
RES
PWM0, PWM1
Output disable
Pull-up resistor OFF
VIN=VSS
(including the off-leak current of
the output Tr.)
2.7 to 5.5
-1
IIL(2)
XT1, XT2
Using as an input port
VIN=VSS
2.7 to 5.5
-1
IIL(3)
CF1
VIN=VSS
2.7 to 5.5
-15
Low level input
current
IIL(4)
P20, P24 Small
signal input side
VIN=VBIAS+0.5
(VBIAS is bias voltage)
4.5 to 5.5
-15
-8.5
-4.2
µA
VOH(1)
IOH=-1.0mA
4.5 to 5.5
VDD-1
VOH(2)
Ports 0, 1, 2, 3
Ports A, B, C, E, F
SI2P0 to SI2P3
IOH=-0.4mA
3.0 to 5.5
VDD-0.4
VOH(3)
Ports 71, 72, 73
IOH=-0.4mA
3.0 to 5.5
VDD-0.4
VOH(4)
IOH=-10mA
4.5 to 5.5
VDD-1.5
High level output
voltage
VOH(5)
PWM0, PWM1
P30, P31(PWM4,
5 output mode)
IOH=-1.6mA
3.0 to 5.5
VDD-0.4
VOL(1)
IOL=10mA
4.5 to 5.5
1.5
VOL(2)
Ports 0, 1, 2, 3
Ports A, B, C, E, F
SI2P0 to SI2P3
PWM0, PWM1,
IOL=1.6mA
3.0 to 5.5
0.4
VOL(3)
IOL=30mA
4.5 to 5.5
1.5
VOL(4)
P00, P01
IOL=5.0mA
3.0 to 5.5
0.4
Low level output
voltage
VOL(5)
Ports 7, 8, XT2
IOL=1.6mA
3.0 to 5.5
0.4
V
Rpu(1)
4.5 to 5.5
15
40
70
Pull-up resistation
Rpu(2)
Ports 0, 1, 2, 3
Port 7
Ports A, C, E, F
VOH=0.9VDD
2.7 to 5.5
15
40
150
k
VHYS(1)
RES
Ports 1, 2, 3, 7, A
PB6
SI2P0 to SI2P3
4.5 to 5.5
0.1VDD
Hysteresis
Voltage
VHYS(2)
P20, P24 Small
signal input side
4.5 to 5.5
0.1VDD
V
Pin capacitance
CP
All pins
• For pins other than that under
test: VIN=VSS
• f=1MHz
• Ta=25°C
2.7 to 5.5
10
pF
Input voltage
sensitivity
Vsen
P20, P24 Small
signal input side
4.5 to 5.5
0.12VDD
Vp-p
Bias Voltage
VBIAS
P20, P24 Small
signal input side
5.0
0.5VDD
V
Composite video
signal input
clamping voltage
VCLMP
PB6(CVD)
Pedestal voltage
5.0
1.9
V


Similar Part No. - LC87F06J2A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC87F0808 ONSEMI-LC87F0808 Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F0808A SANYO-LC87F0808A Datasheet
158Kb / 25P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC87F0808AUQFPTLM-H ONSEMI-LC87F0808AUQFPTLM-H Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
More results

Similar Description - LC87F06J2A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F5LP6A SANYO-LC87F5LP6A Datasheet
176Kb / 28P
   CMOS IC FROM 256K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2B SANYO-LC87F7DJ2B_10 Datasheet
172Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2C SANYO-LC87F7DJ2C Datasheet
214Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F2924B SANYO-LC87F2924B Datasheet
195Kb / 28P
   CMOS IC FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F2932A SANYO-LC87F2932A Datasheet
203Kb / 29P
   CMOS IC FROM 32K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5N62B SANYO-LC87F5N62B Datasheet
176Kb / 25P
   CMOS IC FROM 66K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A Datasheet
180Kb / 27P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A Datasheet
140Kb / 21P
   CMOS IC FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A Datasheet
189Kb / 26P
   CMOS IC FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com