Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC87F06J2A Datasheet(PDF) 14 Page - Sanyo Semicon Device

Part # LC87F06J2A
Description  CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F06J2A Datasheet(HTML) 14 Page - Sanyo Semicon Device

Back Button LC87F06J2A Datasheet HTML 10Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 11Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 12Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 13Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 14Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 15Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 16Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 17Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 18Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
LC87F06J2A
No.A0432-14/32
Continued from preceding page.
Specification
Parameter
Symbol
Pins/Remarks
Conditions
VDD[V]
min
typ
max
unit
VIL(1)
Ports 1, 2, 3,A
PB6
SI2P0 to SI2P3
P71 to P73
P70 port input /interrupt
2.7 to 5.5
VSS
0.1VDD
+0.4
VIL(2)
Ports 0, 8
PB0 to PB2, PB4
Ports C, E, F
PWM0,PWM1
2.7 to 5.5
VSS
0.15VDD
+0.4
VIL(3)
Port 70 Watchdog
Timer
2.7 to 5.5
VSS
0.8VDD
-1.0
VIL(4)
XT1, XT2, CF1,
RES
2.7 to 5.5
VSS
0.25VDD
Low level
input voltage
VIL(5)
P20, P24 Small signal
input side
2.7 to 5.5
VSS
0.25VDD
V
VCVD(1)
2Vp-p input mode
5.0
1.4
2.0
2.6
Composite
video signal
input voltage
(Note 2-4)
VCVD(2)
PB6(CVD)
1Vp-p input mode
5.0
0.7
1
1.3
Vp-p
Data-slicer Operating mode
4.75 to 5.25
0.196
0.340
4.5 to 5.5
0.196
200
Instruction
cycle time
(Note 2-2)
tCYC
2.7 to 5.5
1.470
200
µs
FmCF(1)
CF1, CF2
15MHz ceramic oscillation
See Fig. 1.
4.5 to 5.5
15
FmRC
Internal RC oscillation
2.7 to 5.5
0.3
1.0
2.0
FmMRC
Frequency variable RC
oscillation source oscillation
2.7 to 5.5
16
MHz
Oscillation
frequency
Range
(Note 2-3)
FsX’tal
XT1, XT2
32.768kHz crystal oscillation.
See Fig. 2.
2.7 to 5.5
32.768
kHz
Note 2-2: Relationship between tCYC and oscillation frequency is 3/FmCF at a division ratio of 1/1 and 6/FmCF at
a division ratio of 1/2.
Note 2-3: See Tables 1 and 2 for the oscillation constants.
Note 2-4: When setting DSLDACT register’s bit7 = 0, bit6 = 0. See diagram 9 for external circuit.


Similar Part No. - LC87F06J2A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC87F0808 ONSEMI-LC87F0808 Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F0808A SANYO-LC87F0808A Datasheet
158Kb / 25P
   8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC87F0808AUQFPTLM-H ONSEMI-LC87F0808AUQFPTLM-H Datasheet
176Kb / 25P
   8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
More results

Similar Description - LC87F06J2A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F5LP6A SANYO-LC87F5LP6A Datasheet
176Kb / 28P
   CMOS IC FROM 256K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2B SANYO-LC87F7DJ2B_10 Datasheet
172Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2C SANYO-LC87F7DJ2C Datasheet
214Kb / 26P
   FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F2924B SANYO-LC87F2924B Datasheet
195Kb / 28P
   CMOS IC FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
   CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F2932A SANYO-LC87F2932A Datasheet
203Kb / 29P
   CMOS IC FROM 32K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5N62B SANYO-LC87F5N62B Datasheet
176Kb / 25P
   CMOS IC FROM 66K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A Datasheet
180Kb / 27P
   CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A Datasheet
140Kb / 21P
   CMOS IC FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A Datasheet
189Kb / 26P
   CMOS IC FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com