Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC87F06J2A Datasheet(PDF) 12 Page - Sanyo Semicon Device

Part # LC87F06J2A
Description  CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC87F06J2A Datasheet(HTML) 12 Page - Sanyo Semicon Device

Back Button LC87F06J2A Datasheet HTML 8Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 9Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 10Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 11Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 12Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 13Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 14Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 15Page - Sanyo Semicon Device LC87F06J2A Datasheet HTML 16Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
LC87F06J2A
No.A0432-12/32
Absolute Maximum Ratings at Ta = 25°C, VSS1 = VSS2 = VSS3 =VSS4=VSSVCO= 0V
Specification
Parameter
Symbol
Pins/Remarks
Conditions
VDD[V]
min
typ
max
unit
Maximum Supply
voltage
VDDMAX
VDD1, VDD2,
VDD3, VDD4,
VDDVCO, VDDODA
VDD1=VDD2=VDD3=VDD4
=VDDVCO
=VDDODA
-0.3
+6.5
Input voltage
VI(1)
XT1, CF1, RES
-0.3
VDD+0.3
Input/Output
Voltage
VIO(1)
Ports 0, 1, 2
Ports 3, 7, 8
Ports A, B, C, E, F
SI2P0 to SI2P3
PWM0, PWM1,
XT2
-0.3
VDD+0.3
V
IOPH(1)
Ports 0, 1, 2, 3
Ports A, B, C, E, F
SI2P0 to SI2P3
CMOS output select per 1
application pin
-10
IOPH(2)
PWM0, PWM1
Per 1 application pin.
-20
Peak output
current
IOPH(3)
P71 to P73
Per 1 application pin.
-5
IOMH(1)
Ports 0, 1, 2, 3
Ports A, B, C, E, F
SI2P0 to SI2P3
CMOS output select per 1
application pin
-10
IOMH(2)
PWM0, PWM1
Per 1 application pin.
-15
Average
output current
(Note 1-1)
IOMH(3)
P71 to P73
Per 1 application pin.
-3
ΣIOAH(1)
P71 to P73
Total of all applicable pins
-5
ΣIOAH(2)
PWM0, PWM1
SI2P0 to SI2P3
Total of all applicable pins
-20
ΣIOAH(3)
Ports 0, 2, 3
Total of all applicable pins
-30
ΣIOAH(4)
Port 0, 2, 3
PWM0, PWM1
SI2P0 to SI2P3
Total of all applicable pins
-50
ΣIOAH(5)
PB0 to PB2
Total of all applicable pins
-20
ΣIOAH(6)
Ports A, C
Total of all applicable pins
-20
ΣIOAH(7)
Ports A, C,
PB0 to PB2
Total of all applicable pins
-40
ΣIOAH(8)
Port F
Total of all applicable pins
-20
ΣIOAH(9)
Ports 1, E
Total of all applicable pins
-20
ΣIOAH(10)
Ports 1, E, F
Total of all applicable pins
-40
Total
output
current
ΣIOAH(11)
PB4, PB6
Total of all applicable pins
-20
IOPL(1)
P02 to P07
Ports 1, 2, 3
Ports A, B, C, E, F
SI2P0 to SI2P3
PWM0, PWM1
Per 1 application pin.
20
IOPL(2)
P00, P01
Per 1 application pin.
30
Peak output
current
IOPL(3)
Ports 7, 8, XT2
Per 1 application pin.
10
IOML(1)
P02 to P07
Ports 1, 2, 3
Ports A, B, C, E, F
SI2P0 to SI2P3
PWM0, PWM1
Per 1 application pin.
15
IOML(2)
P00, P01
Per 1 application pin.
20
Average
output current
(Note 1-1)
IOML(3)
Ports 7, 8, XT2
Per 1 application pin.
7.5
mA
Note 1-1: Average output current is average of current in 100ms interval.
Continued on next page.


Similar Part No. - LC87F06J2A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC87F0808 ONSEMI-LC87F0808 Datasheet
176Kb / 25P
8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
logo
Sanyo Semicon Device
LC87F0808A SANYO-LC87F0808A Datasheet
158Kb / 25P
8K-byte FROM and 256-byte RAM integrated 8-bit 1-chip Microcontroller
logo
ON Semiconductor
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC87F0808A ONSEMI-LC87F0808A Datasheet
176Kb / 25P
8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
LC87F0808AUQFPTLM-H ONSEMI-LC87F0808AUQFPTLM-H Datasheet
176Kb / 25P
8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
More results

Similar Description - LC87F06J2A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F5LP6A SANYO-LC87F5LP6A Datasheet
176Kb / 28P
CMOS IC FROM 256K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2B SANYO-LC87F7DJ2B_10 Datasheet
172Kb / 26P
FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F7DJ2C SANYO-LC87F7DJ2C Datasheet
214Kb / 26P
FROM 192K byte, RAM 8K byte on-chip 8-bit 1-chip Microcontroller
LC87F2924B SANYO-LC87F2924B Datasheet
195Kb / 28P
CMOS IC FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F2932A SANYO-LC87F2932A Datasheet
203Kb / 29P
CMOS IC FROM 32K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5N62B SANYO-LC87F5N62B Datasheet
176Kb / 25P
CMOS IC FROM 66K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A Datasheet
180Kb / 27P
CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F2708A SANYO-LC87F2708A Datasheet
140Kb / 21P
CMOS IC FROM 8K byte, RAM 512 byte on-chip 8-bit 1-chip Microcontroller
LC87F7DC8A SANYO-LC87F7DC8A Datasheet
189Kb / 26P
CMOS IC FROM 128K byte, RAM 4K byte on-chip 8-bit 1-chip Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com