Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UW-2 Datasheet(PDF) 1 Page - Willow Technologies Ltd

Part # UW-2
Description  Ceramic Wirewound Resistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLOW [Willow Technologies Ltd]
Direct Link  http://www.willow.co.uk
Logo WILLOW - Willow Technologies Ltd

UW-2 Datasheet(HTML) 1 Page - Willow Technologies Ltd

  UW-2 Datasheet HTML 1Page - Willow Technologies Ltd UW-2 Datasheet HTML 2Page - Willow Technologies Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
rev.03/2006A
UW Series
Resistances from 0.01 to 91kOhms
Tolerance to ±0.01%
Low Temperature Coefficient
Power Rating to 15Watts
All Welded Resistance Element
Non-Inductive Windings are Available
Flameproof Inorganic Construction
SPECIFICATIONS
Type
PowerRating
W@70°C
Resistance1
Range
L
±0.04[±1.0]
H
±0.04[±1.0]
HS
±0.04[±1.0]
W
±0.015[±0.4]
d2
±0.015[±0.4]
UW-2
2
0.01to22k
0.700[17.8]
0.245[6.2]
0.300[7.6]
0.255[6.5]
0.032[0.8]
UW-3
3
0.01to22k
0.875[22.2]
0.312[7.9]
0.375[9.5]
0.312[7.9]
0.032[0.8]
UW-5
5
0.01to45k
0.875[22.2]
0.375[9.5]
0.437[11.1]
0.375[9.5]
0.032[0.8]
UW-10
10
0.01to65k
1.875[48]
0.375[9.5]
0.500[12.7]
0.375[9.5]
0.040[1.0]
UW-15
15
0.01to91k
1.875[48]
0.500[12.7]
0.625[15.9]
0.500[12.7]
0.040[1.0]
1
Fornon-inductivewindings/dividemaximumresistanceby2
2
LeadDiameter:18AWG=0.040”/20AWG=0.032”
ForNon-InductiveWindings/inserttheletter“N”(i.e.UWN-5)
PartNumber-Resistance-Tolerance-TCR(Ifnotstandard)
Example:UW-5100Ohm1%
CeramicWirewoundResistors
Ordering Information
Willow Technologies Ltd. Shawlands Court, Newchapel Road, Lingfield, Surrey, RH7 6BL, United Kingdom.
+ 44 (0) 1342 835234
+ 44 (0) 1342 834306
info@willow.co.uk
http://www.willow.co.uk


Similar Part No. - UW-2

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
UW-2 RIEDON-UW-2 Datasheet
272Kb / 2P
Ceramic Wirewound Resistors
More results

Similar Description - UW-2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KNP050 ETC2-KNP050 Datasheet
132Kb / 1P
Wirewound Resistors
logo
Willow Technologies Ltd
KNP WILLOW-KNP Datasheet
157Kb / 2P
WIREWOUND RESISTORS
logo
Riedon Powertron
UV-2 RIEDON-UV-2 Datasheet
290Kb / 2P
Ceramic Wirewound Resistors
UW-2 RIEDON-UW-2 Datasheet
272Kb / 2P
Ceramic Wirewound Resistors
logo
Vishay Siliconix
RWR81S1R00FS VISHAY-RWR81S1R00FS Datasheet
164Kb / 4P
Wirewound Resistors
Revision: 30-Mar-12
logo
Welwyn Components Limit...
WA84Z1K5J WELWYN-WA84Z1K5J Datasheet
319Kb / 3P
Mount Wirewound Resistors Mount Wirewound Resistors
logo
TT Electronics.
SQP TTELEC-SQP_18 Datasheet
338Kb / 3P
Ceramic Case Resistors-Wirewound
logo
Riedon Powertron
UWP RIEDON-UWP Datasheet
241Kb / 2P
High Power Ceramic Wirewound Resistors
Revised: 202012_001
logo
List of Unclassifed Man...
KV206-3 ETC2-KV206-3 Datasheet
454Kb / 4P
Power Wirewound Resistors Ceramic case , Vertical
201601
logo
VITROHM
KVS-SERIES VITROHM-KVS-SERIES Datasheet
177Kb / 2P
Power Wirewound Ceramic Resistors, vertical
Revision 200807
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com