Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C1444AV33 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # CY7C1444AV33
Description  36-Mbit (1M x 36/2Mx 18) Pipelined DCD Sync SRAM
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C1444AV33 Datasheet(HTML) 5 Page - Cypress Semiconductor

  CY7C1444AV33 Datasheet HTML 1Page - Cypress Semiconductor CY7C1444AV33 Datasheet HTML 2Page - Cypress Semiconductor CY7C1444AV33 Datasheet HTML 3Page - Cypress Semiconductor CY7C1444AV33 Datasheet HTML 4Page - Cypress Semiconductor CY7C1444AV33 Datasheet HTML 5Page - Cypress Semiconductor CY7C1444AV33 Datasheet HTML 6Page - Cypress Semiconductor CY7C1444AV33 Datasheet HTML 7Page - Cypress Semiconductor CY7C1444AV33 Datasheet HTML 8Page - Cypress Semiconductor CY7C1444AV33 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
CY7C1444AV33
CY7C1445AV33
Document #: 38-05352 Rev. *E
Page 8 of 27
Pin Definitions (continued)
Name
I/O
Description
A0, A1, A
Input-
Synchronous
Address Inputs used to select one of the address locations. Sampled at the rising edge
of the CLK if ADSP or ADSC is active LOW, and CE1, CE2, and CE3 are sampled active. A1:
A0 are fed to the two-bit counter..
BWA, BWB
BWC, BWD
Input-
Synchronous
Byte Write Select Inputs, active LOW. Qualified with BWE to conduct byte writes to the
SRAM. Sampled on the rising edge of CLK.
GW
Input-
Synchronous
Global Write Enable Input, active LOW. When asserted LOW on the rising edge of CLK, a
global write is conducted (ALL bytes are written, regardless of the values on BWX and BWE).
BWE
Input-
Synchronous
Byte Write Enable Input, active LOW. Sampled on the rising edge of CLK. This signal must
be asserted LOW to conduct a byte write.
CLK
Input-
Clock
Clock Input. Used to capture all synchronous inputs to the device. Also used to increment
the burst counter when ADV is asserted LOW, during a burst operation.
CE1
Input-
Synchronous
Chip Enable 1 Input, active LOW. Sampled on the rising edge of CLK. Used in conjunction
with CE2 and CE3 to select/deselect the device. ADSP is ignored if CE1 is HIGH. CE1 is
sampled only when a new external address is loaded.
CE2
Input-
Synchronous
Chip Enable 2 Input, active HIGH. Sampled on the rising edge of CLK. Used in conjunction
with CE1 and CE3 to select/deselect the device. CE2 is sampled only when a new external
address is loaded.
CE3
Input-
Synchronous
Chip Enable 3 Input, active LOW. Sampled on the rising edge of CLK. Used in conjunction
with CE1 and CE2 to select/deselect the device.Not connected for BGA. Where referenced,
CE3 is assumed active throughout this document for BGA. CE3 is sampled only when a new
external address is loaded.
OE
Input-
Asynchronous
Output Enable, asynchronous input, active LOW. Controls the direction of the I/O pins.
When LOW, the I/O pins behave as outputs. When deasserted HIGH, DQ pins are tri-stated,
and act as input data pins. OE is masked during the first clock of a read cycle when emerging
from a deselected state.
ADV
Input-
Synchronous
Advance Input signal, sampled on the rising edge of CLK, active LOW. When asserted,
it automatically increments the address in a burst cycle.
ADSP
Input-
Synchronous
Address Strobe from Processor, sampled on the rising edge of CLK, active LOW. When
asserted LOW, addresses presented to the device are captured in the address registers. A1:
A0 are also loaded into the burst counter. When ADSP and ADSC are both asserted, only
ADSP is recognized. ASDP is ignored when CE1 is deasserted HIGH.
ADSC
Input-
Synchronous
Address Strobe from Controller, sampled on the rising edge of CLK, active LOW. When
asserted LOW, addresses presented to the device are captured in the address registers. A1:
A0 are also loaded into the burst counter. When ADSP and ADSC are both asserted, only
ADSP is recognized.
ZZ
Input-
Asynchronous
ZZ “sleep” Input, active HIGH. When asserted HIGH places the device in a non-time-critical
“sleep” condition with data integrity preserved. For normal operation, this pin has to be LOW
or left floating. ZZ pin has an internal pull-down.
DQs, DQPs
I/O-
Synchronous
Bidirectional Data I/O lines. As inputs, they feed into an on-chip data register that is
triggered by the rising edge of CLK. As outputs, they deliver the data contained in the memory
location specified by the addresses presented during the previous clock rise of the read
cycle. The direction of the pins is controlled by OE. When OE is asserted LOW, the pins
behave as outputs. When HIGH, DQs and DQPX are placed in a tri-state condition.
VDD
Power Supply
Power supply inputs to the core of the device.
VSS
Ground
Ground for the core of the device.
VSSQ
I/O Ground
Ground for the I/O circuitry.
VDDQ
I/O Power Supply Power supply for the I/O circuitry.
MODE
Input-
Static
Selects Burst Order. When tied to GND selects linear burst sequence. When tied to VDD
or left floating selects interleaved burst sequence. This is a strap pin and should remain static
during device operation. Mode Pin has an internal pull-up.
TDO
JTAG serial output
Synchronous
Serial data-out to the JTAG circuit. Delivers data on the negative edge of TCK. If the JTAG feature
is not being utilized, this pin should be disconnected. This pin is not available on TQFP packages.
[+] Feedback
[+] Feedback


Similar Part No. - CY7C1444AV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1444AV33 CYPRESS-CY7C1444AV33 Datasheet
792Kb / 28P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined DCD Sync SRAM 3.3 V core power supply
CY7C1444AV33 CYPRESS-CY7C1444AV33 Datasheet
784Kb / 29P
   36-Mbit (1 M x 36/2 M x 18) Pipelined DCD Sync SRAM
CY7C1444AV33-167AXC CYPRESS-CY7C1444AV33-167AXC Datasheet
784Kb / 29P
   36-Mbit (1 M x 36/2 M x 18) Pipelined DCD Sync SRAM
CY7C1444AV33-167AXC CYPRESS-CY7C1444AV33-167AXC Datasheet
603Kb / 23P
   36-Mbit (1 M 횞 36) Pipelined DCD Sync SRAM
CY7C1444AV33 CYPRESS-CY7C1444AV33_10 Datasheet
792Kb / 28P
   36-Mbit (1 M 횞 36/2 M 횞 18) Pipelined DCD Sync SRAM 3.3 V core power supply
More results

Similar Description - CY7C1444AV33

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1444AV25 CYPRESS-CY7C1444AV25 Datasheet
440Kb / 26P
   36-Mbit (1M x 36/2M x 18) Pipelined DCD Sync SRAM
CY7C1386DV25 CYPRESS-CY7C1386DV25 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1444KV33 CYPRESS-CY7C1444KV33 Datasheet
1Mb / 22P
   36-Mbit (1M 횞 36/2M 횞 18) Pipelined DCD Sync SRAM
CY7C1386C CYPRESS-CY7C1386C Datasheet
554Kb / 34P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1386KV33 CYPRESS-CY7C1386KV33 Datasheet
390Kb / 23P
   18-Mbit (512K 횞 36/1M 횞 18) Pipelined DCD Sync SRAM
CY7C1386D CYPRESS-CY7C1386D_07 Datasheet
1Mb / 30P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1386CV25 CYPRESS-CY7C1386CV25 Datasheet
547Kb / 36P
   18-Mb (512K x 36/1M x 18) Pipelined DCD Sync SRAM
CY7C1387D CYPRESS-CY7C1387D Datasheet
481Kb / 29P
   18-Mbit (512K x 36/1 Mbit x 18) Pipelined DCD Sync SRAM
CY7C1386B CYPRESS-CY7C1386B Datasheet
789Kb / 32P
   512K x 36/1M x 18 Pipelined DCD SRAM
CY7C1440KV25 CYPRESS-CY7C1440KV25 Datasheet
2Mb / 30P
   36-Mbit (1M 횞 36) Pipelined Sync SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com