Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C199N Datasheet(PDF) 9 Page - Cypress Semiconductor

Part # CY7C199N
Description  32K x 8 Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY7C199N Datasheet(HTML) 9 Page - Cypress Semiconductor

Back Button CY7C199N Datasheet HTML 2Page - Cypress Semiconductor CY7C199N Datasheet HTML 3Page - Cypress Semiconductor CY7C199N Datasheet HTML 4Page - Cypress Semiconductor CY7C199N Datasheet HTML 5Page - Cypress Semiconductor CY7C199N Datasheet HTML 6Page - Cypress Semiconductor CY7C199N Datasheet HTML 7Page - Cypress Semiconductor CY7C199N Datasheet HTML 8Page - Cypress Semiconductor CY7C199N Datasheet HTML 9Page - Cypress Semiconductor CY7C199N Datasheet HTML 10Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
CY7C199N
Document #: 001-06493 Rev. **
Page 9 of 10
© Cypress Semiconductor Corporation, 2006. The information contained herein is subject to change without notice. Cypress Semiconductor Corporation assumes no responsibility for the use
of any circuitry other than circuitry embodied in a Cypress product. Nor does it convey or imply any license under patent or other rights. Cypress products are not warranted nor intended to be
used for medical, life support, life saving, critical control or safety applications, unless pursuant to an express written agreement with Cypress. Furthermore, Cypress does not authorize its
products for use as critical components in life-support systems where a malfunction or failure may reasonably be expected to result in significant injury to the user. The inclusion of Cypress
products in life-support systems application implies that the manufacturer assumes all risk of such use and in doing so indemnifies Cypress against all charges.
All products and company names mentioned in this document may be the trademarks of their respective holders.
Package Diagrams (continued)
DIMENSIONS IN INCHES [MM] MIN.
MAX.
SEATING PLANE
0.260[6.60]
0.295[7.49]
0.090[2.28]
0.110[2.79]
0.055[1.39]
0.065[1.65]
0.015[0.38]
0.020[0.50]
0.015[0.38]
0.060[1.52]
0.120[3.05]
0.140[3.55]
0.009[0.23]
0.012[0.30]
0.310[7.87]
0.385[9.78]
0.290[7.36]
0.325[8.25]
0.030[0.76]
0.080[2.03]
0.115[2.92]
0.160[4.06]
0.140[3.55]
0.190[4.82]
1.345[34.16]
1.385[35.18]
3° MIN.
1
14
15
28
REFERENCE JEDEC MO-095
LEAD END OPTION
SEE LEAD END OPTION
SEE LEAD END OPTION
(LEAD #1, 14, 15 & 28)
PACKAGE WEIGHT: 2.15 gms
28-Lead (300-Mil) PDIP (51-85014)
51-85014-*D
[+] Feedback
[+] Feedback


Similar Part No. - CY7C199N

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C199N CYPRESS-CY7C199N Datasheet
487Kb / 11P
32 K x 8 Static RAM
CY7C199N CYPRESS-CY7C199N Datasheet
435Kb / 14P
32 K 횞 8 Static RAM Automatic power-down when deselected
CY7C199NL-15ZXC CYPRESS-CY7C199NL-15ZXC Datasheet
487Kb / 11P
32 K x 8 Static RAM
CY7C199NL-15ZXC CYPRESS-CY7C199NL-15ZXC Datasheet
435Kb / 14P
32 K 횞 8 Static RAM Automatic power-down when deselected
CY7C199N CYPRESS-CY7C199N_10 Datasheet
487Kb / 11P
32 K x 8 Static RAM
More results

Similar Description - CY7C199N

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HX6256 HONEYWELL-HX6256 Datasheet
780Kb / 13P
32K x 8 Static RAM
logo
Cypress Semiconductor
CY62256V CYPRESS-CY62256V Datasheet
316Kb / 13P
32K x 8 Static RAM
CY7C199 CYPRESS-CY7C199 Datasheet
317Kb / 13P
32K x 8 Static RAM
January 7, 2003
CY7C199 CYPRESS-CY7C199_06 Datasheet
315Kb / 11P
32K x 8 Static RAM
logo
Honeywell Solid State E...
HC6856 HONEYWELL-HC6856 Datasheet
160Kb / 12P
32K x 8 STATIC RAM
logo
Weida Semiconductor, In...
WCMS0808U1X WEIDA-WCMS0808U1X Datasheet
224Kb / 10P
32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C199B CYPRESS-CY7C199B Datasheet
257Kb / 15P
32K x 8 Static RAM
CY7C199C CYPRESS-CY7C199C Datasheet
117Kb / 12P
32K x 8 Static RAM
logo
Weida Semiconductor, In...
WCFS0808C1E WEIDA-WCFS0808C1E Datasheet
193Kb / 10P
32K x 8 Static RAM
logo
Cypress Semiconductor
CY7C198 CYPRESS-CY7C198 Datasheet
467Kb / 9P
32K x 8 Static RAM
February 29, 1996
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com