Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3603 Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # HSDL-3603
Description  IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3603 Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  HSDL-3603 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
3
I/O Pins Configuration Table
Pin
Symbol
Description
I/O Type
Function
1
LED A
LED Anode
Input
This pin can be connected directly to VCC (i.e., without series resistor)
at less than 3 V. Please refer to Table 1 for VCC versus Series Resistor, R1.
2
LED C
LED Cathode
Output
Leave this pin unconnected.
3
TXD
Transmit Data
Input,
This pin is used to transmit serial data when SD/Mode pin is low. If this
Active High
pin is held high longer than ~100
µs, the LED would be turned off when
used in conjunction with the SD/Mode pin. TXD is low at initialization.
4
RXD
Receive Data
Output,
This pin is capable of driving a standard CMOS or TTL load. No external
Active Low
pull-up or pull-down resistor is required. It is in tri-state mode when the
transceiver is in shutdown mode and during digital serial programming
operations. RXD is high at initialization.
5
SD/Mode Shutdown/
Input,
The transceiver is in shutdown mode if this pin is high for more than
Mode Select
Active High
400
µs. On the falling edge of this signal, the state of the TXD pin sampled
and used to set receiver low bandwidth (TXD=low) or high bandwidth
(TXD=high) mode. See Figure 2 for bandwidth selection timings. SD is low
at initialization.
6VCC
Supply
Supply
Regulated, 2.7 to 5.25 Volts.
Voltage
Voltage
7
NC
No Connect
No Connect
8
GND
Ground
Ground
Connect to system ground.
Shield
EMI Shield
EMI Shield
Connect to system ground via a low inductance trace. For best
performance, do not connect directly to the transceiver pin GND.
Recommended Application Circuit Components
Component
Recommended Value
Notes
R1
0
Ω ± 5%, 0.5 Watt, for 2.7 V
1.8
Ω ± 5%, 0.5 Watt, for 3.0 V
4.7
Ω ± 5%, 0.5 Watt, for 3.3 V
6.8
Ω ± 5%, 0.5 Watt, for 3.5 V
CX1
0.47
µF ± 20%, X7R Ceramic
1
CX2
6.8
µF ± 20%, Tantalum
2
Notes:
1. CX1 must be placed within 0.7 cm of the HSDL-3603 to obtain optimum noise immunity.
2. In environments with noisy power supplies, supply rejection performance can be enhanced
by including CX2, as shown in Figure 1: ”HSDL-3603 Functional Block Diagram“ on Page 2.


Similar Part No. - HSDL-3603

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3603 AVAGO-HSDL-3603 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3603-007 AVAGO-HSDL-3603-007 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3603-207 AVAGO-HSDL-3603-207 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3603-208 AVAGO-HSDL-3603-208 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
More results

Similar Description - HSDL-3603

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3603 AVAGO-HSDL-3603 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3211 AVAGO-HSDL-3211 Datasheet
171Kb / 18P
   IrDA짰 Data Compliant Low Power 1.15 Mbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3220-021 LITEON-HSDL-3220-021 Datasheet
359Kb / 18P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3220 AVAGO-HSDL-3220 Datasheet
176Kb / 19P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3220 HP-HSDL-3220 Datasheet
192Kb / 19P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
HSDL-3210 AVAGO-HSDL-3210 Datasheet
461Kb / 24P
   IrDA짰 Compliant Low Power 1.15 Mbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3602 LITEON-HSDL-3602 Datasheet
733Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
   IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3020 AVAGO-HSDL-3020 Datasheet
198Kb / 24P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s with Remote Control Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com