Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3603 Datasheet(PDF) 21 Page - Agilent(Hewlett-Packard)

Part # HSDL-3603
Description  IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3603 Datasheet(HTML) 21 Page - Agilent(Hewlett-Packard)

Back Button HSDL-3603 Datasheet HTML 16Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 17Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 18Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 19Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 20Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 21Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 22Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 23Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 24Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
21
Appendix D: Window Design
Optical Port Dimensions for HSDL-
3603:
To ensure IrDA compliance,
some constraints on the height
and width of the window exist.
The minimum dimensions ensure
that the IrDA cone angles are met
without vignetting. The maximum
dimensions minimize the effects
of stray light. The minimum size
corresponds to a cone angle of
30° and the maximum size corre-
sponds to a cone angle of 60º.
In the figure below, X is the width
of the window, Y is the height of
the window and Z is the distance
from the HSDL-3603 to the back
of the window. The distance from
the center of the LED lens to the
center of the photodiode lens, K,
is 7.08 mm. The equations for
computing the window dimen-
sions are as follows:
X = K + 2*(Z + D)*tanA
Y = 2*(Z + D)*tanA
The above equations assume that
the thickness of the window is
negligible compared to the dis-
tance of the module from the back
of the window (Z). If they are com-
parable, Z' replaces Z in the above
equation. Z' is defined as
Z' = Z + t/n
where ‘t’ is the thickness of the
window and ‘n’ is the refractive
index of the window material.
The depth of the LED image in-
side the HSDL-3603, D, is 8 mm.
‘A’ is the required half angle for
viewing. For IrDA compliance,
the minimum is 15° and the maxi-
mum is 30°. Assuming the thick-
ness of the window to be
negligible, the equations result in
the following tables and graphs:
D
Z
K
A
IR TRANSPARENT
WINDOW
OPAQUE
MATERIAL
OPAQUE
MATERIAL
IR TRANSPARENT WINDOW
X
Y
Figure 25. Window design diagram.


Similar Part No. - HSDL-3603

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3603 AVAGO-HSDL-3603 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3603-007 AVAGO-HSDL-3603-007 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3603-207 AVAGO-HSDL-3603-207 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3603-208 AVAGO-HSDL-3603-208 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
More results

Similar Description - HSDL-3603

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3603 AVAGO-HSDL-3603 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3211 AVAGO-HSDL-3211 Datasheet
171Kb / 18P
   IrDA짰 Data Compliant Low Power 1.15 Mbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3220-021 LITEON-HSDL-3220-021 Datasheet
359Kb / 18P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3220 AVAGO-HSDL-3220 Datasheet
176Kb / 19P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3220 HP-HSDL-3220 Datasheet
192Kb / 19P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
HSDL-3210 AVAGO-HSDL-3210 Datasheet
461Kb / 24P
   IrDA짰 Compliant Low Power 1.15 Mbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3602 LITEON-HSDL-3602 Datasheet
733Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
   IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3020 AVAGO-HSDL-3020 Datasheet
198Kb / 24P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s with Remote Control Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com