Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3603 Datasheet(PDF) 12 Page - Agilent(Hewlett-Packard)

Part # HSDL-3603
Description  IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3603 Datasheet(HTML) 12 Page - Agilent(Hewlett-Packard)

Back Button HSDL-3603 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 15Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 16Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12
Reflow Profile
The reflow profile is a straight-
line representation of a nominal
temperature profile for a convec-
tive reflow solder process. The
temperature profile is divided
into four process zones, each
with different
∆T/∆time tempera-
ture change rates. The
∆T/∆time
rates are detailed in the following
table. The temperatures are mea-
sured at the component to
printed circuit board connections.
In process zone P1, the PC
board and HSDL-3603
castellation I/O pins are heated
to a temperature of 125
°C to
activate the flux in the solder
paste. The temperature ramp up
rate, R1, is limited to 4
°C per
second to allow for even heating
of both the PC board and
HSDL-3603 castellation I/O pins.
Process zone P2 should be of
sufficient time duration (> 60
seconds) to dry the solder paste.
The temperature is raised to a
level just below the liquidus point
of the solder, usually 170
°C
(338
°F).
Process zone P3 is the solder
reflow zone. In zone P3, the
temperature is quickly raised
above the liquidus point of solder
to 230
°C (446°F) for optimum
results. The dwell time above the
liquidus point of solder should be
between 15 and 90 seconds. It
usually takes about 15 seconds to
assure proper coalescing of the
solder balls into liquid solder and
the formation of good solder
0
t-TIME (SECONDS)
200
170
125
100
50
50
150
100
200
250
300
150
183
230
P1
HEAT
UP
P2
SOLDER PASTE DRY
P3
SOLDER
REFLOW
P4
COOL
DOWN
25
R1
R2
R3
R4
R5
90 sec.
MAX.
ABOVE
183°C
MAX. 245°C
Maximum
Process Zone
Symbol
∆T
∆T/∆time
Heat Up
P1, R1
25˚C to 125˚C
4˚C/s
Solder Paste Dry
P2, R2
125˚C to 170˚C
0.5˚C/s
Solder Reflow
P3, R3
170˚C to 230˚C (245˚C max.)
4˚C/s
P3, R4
230˚C to 170˚C
–4˚C/s
Cool Down
P4, R5
170˚C to 25˚C
–3˚C/s
connections. Beyond a dwell time
of 90 seconds, the intermetallic
growth within the solder connec-
tions becomes excessive,
resulting in the formation of weak
and unreliable connections. The
temperature is then rapidly
reduced to a point below the
solidus temperature of the solder,
usually 170
°C (338°F), to allow
the solder within the connections
to freeze solid.
Process zone P4 is the cool
down after solder freeze. The
cool down rate, R5, from the
liquidus point of the solder to
25
°C (77°F) should not exceed
-3
°C per second maximum. This
limitation is necessary to allow
the PC board and HSDL-3603
castellation I/O pins to change
dimensions evenly, putting
minimal stresses on the
HSDL-3603 transceiver.
Figure 15. Reflow graph.


Similar Part No. - HSDL-3603

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3603 AVAGO-HSDL-3603 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3603-007 AVAGO-HSDL-3603-007 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3603-207 AVAGO-HSDL-3603-207 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3603-208 AVAGO-HSDL-3603-208 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
More results

Similar Description - HSDL-3603

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3603 AVAGO-HSDL-3603 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3211 AVAGO-HSDL-3211 Datasheet
171Kb / 18P
   IrDA짰 Data Compliant Low Power 1.15 Mbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3220-021 LITEON-HSDL-3220-021 Datasheet
359Kb / 18P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3220 AVAGO-HSDL-3220 Datasheet
176Kb / 19P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3220 HP-HSDL-3220 Datasheet
192Kb / 19P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
HSDL-3210 AVAGO-HSDL-3210 Datasheet
461Kb / 24P
   IrDA짰 Compliant Low Power 1.15 Mbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3602 LITEON-HSDL-3602 Datasheet
733Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
   IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3020 AVAGO-HSDL-3020 Datasheet
198Kb / 24P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s with Remote Control Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com