Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3603 Datasheet(PDF) 11 Page - Agilent(Hewlett-Packard)

Part # HSDL-3603
Description  IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3603 Datasheet(HTML) 11 Page - Agilent(Hewlett-Packard)

Back Button HSDL-3603 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 11Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 12Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 13Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 14Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 15Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
Moisture Proof Packaging
All HSDL-3603 options are shipped in moisture proof package. Once
opened, moisture absorption begins. This part is compliant to JEDEC
level 4.
Baking Conditions
If the parts are not stored in dry conditions, they must be baked before
reflow to prevent damage to the parts.
Package
Temperature
Time
In Reels
60˚C
≥ 48 hours
In Bulk
100˚C
≥ 4 hours
125˚C
≥ 2 hours
150˚C
≥ 1 hour
Baking should only be done once.
Figure 14. Baking conditions.
Recommended Storage Conditions
Storage
10
°C to 30°C
Temperature
Relative Humidity
below 60% RH
Time from Unsealing to Soldering
After removal from the bag, the
parts should be soldered within
three days if stored at the
recommended storage conditions.
If times longer than two days are
needed, the parts must be stored
in a dry box.
UNITS IN A SEALED
MOISTURE-PROOF
PACKAGE
PACKAGE IS
OPENED (UNSEALED)
ENVIRONMENT
LESS THAN 30°C,
AND LESS THAN
60% RH
PACKAGE IS
OPENED LESS
THAN 72 HOURS
PERFORM RECOMMENDED
BAKING CONDITIONS
NO BAKING
IS NECESSARY
YES
NO
NO
YES


Similar Part No. - HSDL-3603

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3603 AVAGO-HSDL-3603 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3603-007 AVAGO-HSDL-3603-007 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3603-207 AVAGO-HSDL-3603-207 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3603-208 AVAGO-HSDL-3603-208 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
More results

Similar Description - HSDL-3603

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3603 AVAGO-HSDL-3603 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3211 AVAGO-HSDL-3211 Datasheet
171Kb / 18P
   IrDA짰 Data Compliant Low Power 1.15 Mbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3220-021 LITEON-HSDL-3220-021 Datasheet
359Kb / 18P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3220 AVAGO-HSDL-3220 Datasheet
176Kb / 19P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3220 HP-HSDL-3220 Datasheet
192Kb / 19P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
HSDL-3210 AVAGO-HSDL-3210 Datasheet
461Kb / 24P
   IrDA짰 Compliant Low Power 1.15 Mbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3602 LITEON-HSDL-3602 Datasheet
733Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
   IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3020 AVAGO-HSDL-3020 Datasheet
198Kb / 24P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s with Remote Control Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com