Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3603 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # HSDL-3603
Description  IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3603 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

Back Button HSDL-3603 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 9Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 10Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 11Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
Electrical and Optical Specifications
Specifications (Min. and Max. values) hold over the recommended operating conditions unless otherwise noted. Unspecified
test conditions may be anywhere in their operating range. All typical values (Typ.) are at 25
°C with VCC set to 3.0 V unless
otherwise noted.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Receiver
Viewing Angle
2
θ
30
°
Peak Sensitivity Wavelength
λp
880
nm
RXD Output Voltage
Logic High
VOH
VCC – 0.2
VCC
VIOH = –200 µA, EI ≤ 0.3 µW/cm2
Logic Low
VOL
0
0.4
V
IOL = 200 µA, EI ≥ 3.6 µW/cm2
RXD Pulse Width (SIR)
tPW (SIR)
1
4.0
µs
θ ≤ 15°, CL = 12 pF[5]
RXD Pulse Width (MIR)
tPW(MIR)
100
500
ns
θ ≤ 15°, CL = 12 pF 6]
RXD Pulse Width (FIR)
tPW(FIR)
80
165
ns
θ ≤ 15°, CL = 12 pF[7]
RXD Rise and Fall Times
tr, tf
25
ns
CL =12 pF
Receiver Latency Time
tL
10
150
µs
Receiver Wake Up Time
trw
10
150
µs
Transmitter
Radiant Intensity
IEH
100
180
mW/Sr
ILEDA = 400 mA, θ ≤ 15°, VTXD ≥ VIH
T = 25
°C
Viewing Angle
2
θ
30
60
°
Peak Wavelength
λP
875
nm
Spectral Line Half Width
∆λ
35
nm
TXD Logic Levels
High
VIH
2/3 VCC
VCC
V
Low
VIL
0
1/3 VCC V
TXD Input Current
High
IH
0.02
10
µAVI ≥ VIH
Low
IL
–10
–0.02
10
µA0 ≤ VI ≤ VIL
LED Current
On
IVLED
400
600
mA
VI(TXD) ≥ VIH
Shutdown
IVLED
20
1000
nA
VI(SD) ≥ VIH, TA = 25°C
TXD Pulse Width (SIR)
tPW (SIR)
1.5
1.6
1.8
µstPW (TXD) = 1.6 µs at 115.2 kbit/s
TXD Pulse Width (MIR)
tPW(MIR)
148
217
260
ns
tPW (TXD) = 217 ns at 1.152 Mbit/s
TXD Pulse Width (FIR)
tPW(FIR)
115
125
135
ns
tPW (TXD) = 125 ns at 4.0 Mbit/s
Maximum Optical PW
tPW(max.)
60
100
µs
TXD Rise and Fall Time (Optical)
tr, tf
40
ns
tPW (TXD) = 125 ns at 4.0 Mbit/s
Transceiver
Supply Current
Shutdown
ICC1
10
1000
nA
VSD ≥ 2/3 VCC, TA = 25°C
Idle
ICC2
1.8
3.0
mA
VI(TXD) ≤ VIL, EI = 0
Active
ICC3
2.5
mA
EI = 10 mW/cm2
Notes:
5. For in-band signals
≤ 115.2 kbit/s where 3.6 µW/cm2 ≤ EI ≤ 500 mW/cm2.
6. For in-band signals at 1.152 Mbit/s where 9.0
µW/cm2 ≤ EI ≤ 500 mW/cm2.
7. For in-band signals of 125 ns pulse width, 4 Mbit/s, 4 PPM at recommended 400 mA drive current.


Similar Part No. - HSDL-3603

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3603 AVAGO-HSDL-3603 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3603-007 AVAGO-HSDL-3603-007 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3603-207 AVAGO-HSDL-3603-207 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3603-208 AVAGO-HSDL-3603-208 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
More results

Similar Description - HSDL-3603

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3603 AVAGO-HSDL-3603 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3211 AVAGO-HSDL-3211 Datasheet
171Kb / 18P
   IrDA짰 Data Compliant Low Power 1.15 Mbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3220-021 LITEON-HSDL-3220-021 Datasheet
359Kb / 18P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3220 AVAGO-HSDL-3220 Datasheet
176Kb / 19P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3220 HP-HSDL-3220 Datasheet
192Kb / 19P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
HSDL-3210 AVAGO-HSDL-3210 Datasheet
461Kb / 24P
   IrDA짰 Compliant Low Power 1.15 Mbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3602 LITEON-HSDL-3602 Datasheet
733Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
   IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3020 AVAGO-HSDL-3020 Datasheet
198Kb / 24P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s with Remote Control Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com