Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSDL-3603 Datasheet(PDF) 4 Page - Agilent(Hewlett-Packard)

Part # HSDL-3603
Description  IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HSDL-3603 Datasheet(HTML) 4 Page - Agilent(Hewlett-Packard)

  HSDL-3603 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HSDL-3603 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
Bandwidth Selection Timing
The transceiver is in default SIR/
MIR mode when powered on.
User needs to apply the following
programming sequence to both
the SD and TXD inputs to enable
the transceiver to operate at FIR
mode.
Figure 3. Bandwidth selection timing at SIR/MIR mode.
Figure 4. Bandwidth selection timing at FIR mode.
Setting the transceiver to SIR/MIR
Mode (9.6 kb/s to 1.152 Mbit/s)
1. Set SD/Mode input to logic
HIGH
2. TXD input should remain at
logic LOW
3. After waiting for tS ≥ 25 ns,
set SD/Mode to logic LOW, the
HIGH to LOW negative edge
transition will determine the
receiver bandwidth
4. Ensure that TXD input remains
low for tH ≥ 100 ns, the
receiver is now in SIR/MIR
mode
5. SD input pulse width for mode
selection should be > 50 ns.
VIH
50%
tS
tH
VIL
50%
50%
TXD
SD/MODE
VIL
VIH
50%
tS
tH
VIL
50%
50%
TXD
SD/MODE
VIH
VIL
Setting the transceiver to FIR
(4.0 Mbit/s) Mode
1. Set SD/Mode input to logic
HIGH
2. After SD/Mode input remains
HIGH at > 25ns, set TXD input
to logic HIGH, wait tS ≥ 25 ns
(from 50% of TXD rising edge
till 50% of SD falling edge)
3. Then set SD/Mode to logic
LOW, the HIGH to LOW
negative edge transition will
determine the receiver
bandwidth
4. After waiting for tH ≥ 100ns, set
the TXD input to logic LOW
5. SD input pulse width mode
selection should be > 50ns.


Similar Part No. - HSDL-3603

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3603 AVAGO-HSDL-3603 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3603-007 AVAGO-HSDL-3603-007 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3603-207 AVAGO-HSDL-3603-207 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3603-208 AVAGO-HSDL-3603-208 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
More results

Similar Description - HSDL-3603

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3603 AVAGO-HSDL-3603 Datasheet
211Kb / 29P
   IrDA짰 Data Compliant 4 Mbit/s Infrared Transceiver
HSDL-3211 AVAGO-HSDL-3211 Datasheet
171Kb / 18P
   IrDA짰 Data Compliant Low Power 1.15 Mbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3220-021 LITEON-HSDL-3220-021 Datasheet
359Kb / 18P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3220 AVAGO-HSDL-3220 Datasheet
176Kb / 19P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
Agilent(Hewlett-Packard...
HSDL-3220 HP-HSDL-3220 Datasheet
192Kb / 19P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3602 AVAGO-HSDL-3602 Datasheet
424Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
HSDL-3210 AVAGO-HSDL-3210 Datasheet
461Kb / 24P
   IrDA짰 Compliant Low Power 1.15 Mbit/s Infrared Transceiver
logo
Lite-On Technology Corp...
HSDL-3602 LITEON-HSDL-3602 Datasheet
733Kb / 27P
   IrDA짰 Data 1.4 Compliant 4 Mb/s 3V Infrared Transceiver
HSDL-3200-021 LITEON-HSDL-3200-021 Datasheet
454Kb / 14P
   IrDA짰 Data 1.4 Compliant 115.2 Kb/s Infrared Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
HSDL-3020 AVAGO-HSDL-3020 Datasheet
198Kb / 24P
   IrDA짰 Data Compliant Low Power 4.0 Mbit/s with Remote Control Infrared Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com