Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XA-G49 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # XA-G49
Description  XA 16-bit microcontroller family 64K FLASH/2K RAM, watchdog, 2 UARTs
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

XA-G49 Datasheet(HTML) 3 Page - NXP Semiconductors

  XA-G49 Datasheet HTML 1Page - NXP Semiconductors XA-G49 Datasheet HTML 2Page - NXP Semiconductors XA-G49 Datasheet HTML 3Page - NXP Semiconductors XA-G49 Datasheet HTML 4Page - NXP Semiconductors XA-G49 Datasheet HTML 5Page - NXP Semiconductors XA-G49 Datasheet HTML 6Page - NXP Semiconductors XA-G49 Datasheet HTML 7Page - NXP Semiconductors XA-G49 Datasheet HTML 8Page - NXP Semiconductors XA-G49 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
Philips Semiconductors
Preliminary specification
XA-G49
XA 16-bit microcontroller family
64K Flash/2K RAM, watchdog, 2 UARTs
2000 Apr 03
3
ORDERING INFORMATION
FLASH
TEMPERATURE RANGE (
°C)
AND PACKAGE
FREQ.
(MHz)
DRAWING
NUMBER
PXAG49KBA
0 to +70
44-pin Plastic Leaded Chip Carrier
30
SOT187-2
PXAG49KFA
–40 to +85
44-pin Plastic Leaded Chip Carrier
30
SOT187-2
LOGIC SYMBOL
VDD VSS
XTAL1
XTAL2
RST
EA/WAIT
T2*
T2EX*
A3
A2
SU00526
A1
A0/WRH
PSEN
ALE
T0
T1/BUSW
WRL
RD
RxD0
TxD0
INT0
INT1
*
NOT AVAILABLE ON 40-PIN DIP PACKAGE
TXD1
RXD1


Similar Part No. - XA-G49

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
XA-G49 NXP-XA-G49 Datasheet
216Kb / 42P
   XA 16-bit microcontroller family
2001 Jun 27
More results

Similar Description - XA-G49

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX10EXA MCNIX-MX10EXA Datasheet
473Kb / 55P
   XA 16-bit Microcontroller Family 64K Flash/2K RAM, Watchdog, 2UARTs
logo
NXP Semiconductors
XA-G39 PHILIPS-XA-G39 Datasheet
217Kb / 42P
   XA 16-bit microcontroller family XA 16-bit microcontroller 32K FLASH/1K RAM, watchdog, 2 UARTs
2002 Mar 13
XA-G30 PHILIPS-XA-G30 Datasheet
222Kb / 36P
   XA 16-bit microcontroller family 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
XA-G37 PHILIPS-XA-G37 Datasheet
226Kb / 37P
   XA 16-bit microcontroller family 32K OTP, 512 B RAM, watchdog, 2 UARTs
2002 Mar 25
XA-G3 PHILIPS-XA-G3 Datasheet
208Kb / 36P
   XA 16-bit microcontroller family 32K/512 OTP/ROM/ROMless, watchdog, 2 UARTs
1999 Apr 07
PXAG49KBBD NXP-PXAG49KBBD Datasheet
216Kb / 42P
   XA 16-bit microcontroller family
2001 Jun 27
89C536 PHILIPS-89C536 Datasheet
269Kb / 32P
   80C51 8-bit microcontroller family 16K/64K/512 FLASH
1998 Apr 24
logo
STMicroelectronics
ST90158-ST90135 STMICROELECTRONICS-ST90158-ST90135 Datasheet
1Mb / 190P
   8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
logo
NXP Semiconductors
P89C668 PHILIPS-P89C668 Datasheet
299Kb / 54P
   80C51 8-bit Flash microcontroller family 64KB ISP FLASH with 8KB RAM
2001 Jul 27
logo
Sitronix Technology Co....
ST2203U SITRONIX-ST2203U Datasheet
114Kb / 5P
   8-Bit Microcontroller With 2K Bytes RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com