Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3842 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # UC3842
Description  Current-mode PWM controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UC3842 Datasheet(HTML) 4 Page - NXP Semiconductors

  UC3842 Datasheet HTML 1Page - NXP Semiconductors UC3842 Datasheet HTML 2Page - NXP Semiconductors UC3842 Datasheet HTML 3Page - NXP Semiconductors UC3842 Datasheet HTML 4Page - NXP Semiconductors UC3842 Datasheet HTML 5Page - NXP Semiconductors UC3842 Datasheet HTML 6Page - NXP Semiconductors UC3842 Datasheet HTML 7Page - NXP Semiconductors UC3842 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors Linear Products
Product specification
UC3842
Current-mode PWM controller
August 31, 1994
1103
DC AND AC ELECTRICAL CHARACTERISTICS
0
≤TJ≤70°C for UC3842; VCC=154; RT=10kΩ; CT=3.3nF, unless otherwise specified
SYMBOL
PARAMETER
TEST CONDITIONS
UC3842
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
UNIT
Output section
VOL
Output Low-Level
ISINK=20mA
0.1
0.4
V
VOL
Output Low-Level
ISINK=200mA
1.5
2.2
V
VOH
Output High-Level
ISOURCE=20mA
13
13.5
V
VOH
Output High-Level
ISOURCE=200mA
12
13.5
V
tR
Rise time
CL=1nF
50
150
ns
tF
Fall time
CL=1nF
50
150
ns
Undervoltage lockout section
Start threshold
14.5
16
17.5
V
Min. operating voltage after turn on
8.5
10
11.5
V
PWM section
Maximum duty cycle
93
97
100
%
Minimum duty cycle
0
%
Total standby current
Start-up current
0.5
1
mA
ICC
Operating supply current
VPIN 2=VPIN 3=0V
11
17
mA
VCC zener voltage
ICC=25mA
34
V
Maximum operating frequency section
Maximum operating frequency for all
functions operating cycle-by-cycle
400
kHz
NOTES:
1. These parameters, although guaranteed, are not 100% tested in production.
2. Parameter measured at trip point of latch with VPIN 2=0.
3. Gain defined as:
A
+
DV
PIN 1
DV
PIN 3
; 0
v V
PIN 3
v 0.8V
UNDERVOLTAGE LOCKOUT
UC3842
VON
16V
VOFF
10V
NOTE:
During Undervoltage Lock-Out, the output driver is biased to a high
impedance state. Pin 6 should be shunted to ground with a bleeder
resistor to prevent activating the power switch with output leakage current.
7
VCC
ON/OFF COMMAND
TO REST OF IC
VCC
VOFF
VON
ICC
<15mA
<1mA
ERROR AMP CONFIGURATION
NOTE:
Error AMP can source or sink up to 0.5mA.
2.5V
0.5mA
2
1
COMP
VFB
ZI
+


Similar Part No. - UC3842

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC3842 STMICROELECTRONICS-UC3842 Datasheet
96Kb / 11P
   CURRENTMODE PWM CONTROLLER
logo
Texas Instruments
UC3842 TI-UC3842 Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
logo
STMicroelectronics
UC3842 STMICROELECTRONICS-UC3842 Datasheet
129Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Fairchild Semiconductor
UC3842 FAIRCHILD-UC3842 Datasheet
133Kb / 12P
   SMPS Controller
logo
STMicroelectronics
UC3842 STMICROELECTRONICS-UC3842 Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
More results

Similar Description - UC3842

ManufacturerPart #DatasheetDescription
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com