Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UC3842 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # UC3842
Description  Current-mode PWM controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

UC3842 Datasheet(HTML) 3 Page - NXP Semiconductors

  UC3842 Datasheet HTML 1Page - NXP Semiconductors UC3842 Datasheet HTML 2Page - NXP Semiconductors UC3842 Datasheet HTML 3Page - NXP Semiconductors UC3842 Datasheet HTML 4Page - NXP Semiconductors UC3842 Datasheet HTML 5Page - NXP Semiconductors UC3842 Datasheet HTML 6Page - NXP Semiconductors UC3842 Datasheet HTML 7Page - NXP Semiconductors UC3842 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Philips Semiconductors Linear Products
Product specification
UC3842
Current-mode PWM controller
August 31, 1994
1102
DC AND AC ELECTRICAL CHARACTERISTICS
0
≤TJ≤70°C for UC3842; VCC=15V; RT=10kW; CT=3.3nF, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
UC3842
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
UNIT
Reference section
VOUT
Output voltage
TJ=25°C, IO=1mA
4.90
5.00
5.10
V
Line regulation
12
≤VIN≤25V
6
20
mV
Load regulation
1
≤IO≤20mA
6
25
mV
Temp. stability1
0.2
0.4
mV/
°C
Total output variation1
Line, load, temp.
4.82
5.18
V
VNOISE
Output noise voltage1
10Hz
≤f≤10kHz, TJ=25°C
50
µV
Long-term stability1
TJ=125°C, 1000 Hrs.
5
25
mV
Output short-circuit
TJ=25
-30
-100
-130
mA
Output short-circuit
-55<TJ≤0°C
-30
-100
-180
mA
Oscillator section
Initial accuracy
TJ=25°C
47
52
57
kHz
Voltage stability
12
≤VCC≤25V
0.2
1
%
Temp. stability1
TMIN≤TJ≤TMAX
5
%
Amplitude
VPIN 4 peak-to-peak
1.7
V
Error amp section
Input voltage
V Pin 1=2.5V
2.42
2.50
2.58
V
IBIAS
Input bias current
-0.3
-2
µA
AVOL
2
≤VO≤4V
65
90
dB
Unity gain bandwidth1
TJ=25°C
0.7
1
MHz
Unity gain bandwidth
TMIN<TJ<TMAX
0.5
MHz
PSRR
Power supply rejection ratio
12
≤VCC≤25V
60
70
dB
ISINK
Output sink current
VPIN 2=2.7V, VPIN 1=1.1V
2
6
mA
ISOURCE
Output source current
VPIN 2=2.3V, VPIN 1=5V
-0.5
-0.8
mA
VOUT High
VPIN 2=2.3V, RL=15k to ground
5
6
V
VOUT Low
VPIN 2=2.7V, RL=15k to Pin 8
0.7
1.1
V
Current sense section
Gain 2, 3
2.85
3
3.15
V/V
Maximum input signal2
VPIN 1=5V
0.9
1
1.1
V
PSRR
Power supply rejection ratio2
12
≤VCC≤25V
70
dB
IBIAS
Input bias current
-2
-10
µA
Delay to output1
150
300
ns


Similar Part No. - UC3842

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
UC3842 STMICROELECTRONICS-UC3842 Datasheet
96Kb / 11P
   CURRENTMODE PWM CONTROLLER
logo
Texas Instruments
UC3842 TI-UC3842 Datasheet
693Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
logo
STMicroelectronics
UC3842 STMICROELECTRONICS-UC3842 Datasheet
129Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
logo
Fairchild Semiconductor
UC3842 FAIRCHILD-UC3842 Datasheet
133Kb / 12P
   SMPS Controller
logo
STMicroelectronics
UC3842 STMICROELECTRONICS-UC3842 Datasheet
135Kb / 15P
   HIGH PERFORMANCE CURRENT MODE PWM CONTROLLER
More results

Similar Description - UC3842

ManufacturerPart #DatasheetDescription
logo
Daewoo Semiconductor
DBL3842 DAEWOO-DBL3842 Datasheet
467Kb / 8P
   CURRENT MODE PWM CONTROLLER
logo
BCD Semiconductor Manuf...
AP384XC BCDSEMI-AP384XC Datasheet
176Kb / 13P
   CURRENT MODE PWM CONTROLLER
logo
Cystech Electonics Corp...
MC7731N6 CYSTEKEC-MC7731N6 Datasheet
363Kb / 10P
   Current Mode PWM Controller
logo
BCD Semiconductor Manuf...
AP3842C BCDSEMI-AP3842C Datasheet
359Kb / 14P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1846AJ TI-UC1846AJ Datasheet
3Mb / 13P
[Old version datasheet]   Current Mode PWM Controller
UC3844Q TI1-UC3844Q Datasheet
708Kb / 28P
[Old version datasheet]   CURRENT MODE PWM CONTROLLER
UC1843 TI-UC1843 Datasheet
937Kb / 3P
[Old version datasheet]   Current Mode PWM Controller
UC2846J TI-UC2846J Datasheet
463Kb / 8P
[Old version datasheet]   Current Mode PWM Controller
logo
List of Unclassifed Man...
AMC3842B ETC-AMC3842B Datasheet
365Kb / 10P
   CURRENT MODE PWM CONTROLLER
CM3842 ETC-CM3842 Datasheet
638Kb / 12P
   CURRENT MODE PWM CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com