Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PIC16F883-I/ML Datasheet(PDF) 287 Page - Microchip Technology

Part # PIC16F883-I/ML
Description  28/40/44-Pin, Enhanced Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
PDF  288 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F883-I/ML Datasheet(HTML) 287 Page - Microchip Technology

Back Button PIC16F883-I/ML Datasheet HTML 280Page - Microchip Technology PIC16F883-I/ML Datasheet HTML 281Page - Microchip Technology PIC16F883-I/ML Datasheet HTML 282Page - Microchip Technology PIC16F883-I/ML Datasheet HTML 283Page - Microchip Technology PIC16F883-I/ML Datasheet HTML 284Page - Microchip Technology PIC16F883-I/ML Datasheet HTML 285Page - Microchip Technology PIC16F883-I/ML Datasheet HTML 286Page - Microchip Technology PIC16F883-I/ML Datasheet HTML 287Page - Microchip Technology PIC16F883-I/ML Datasheet HTML 288Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 287 / 288 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS41291D-page 285
PIC16F882/883/884/886/887
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device:
PIC16F883F(1), PIC16F883FT(1, 2), PIC16F884F(1),
PIC16F884FT(1, 2), PIC16F886F(1), PIC16F886FT(1, 2),
PIC16F887F(1), PIC16F887FT(1, 2)
VDD range 2.0V to 5.5V
Temperature
Range:
I= -40
°C to +85°C
(Industrial)
E= -40
°C to +125°C
(Extended)
Package:
ML
=
Quad Flat No Leads (QFN)
P
=
Plastic DIP
PT
=
Plastic Thin-Quad Flatpack (TQFP)
SO
=
Plastic Small Outline (SOIC) (7.50 mm)
SS
=
Plastic Shrink Small Outline
Pattern:
QTP, SQTP, Code or Special Requirements
(blank otherwise)
Examples:
a)
PIC16F883-E/P 301 = Extended Temp., PDIP
package, 20 MHz, QTP pattern #301
b)
PIC16F883-I/SO = Industrial Temp., SOIC
package, 20 MHz
Note 1:
F
= Standard Voltage Range
2:
T = in tape and reel SSOP, SOIC and
QFN packages only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com