Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPS-8T Datasheet(PDF) 2 Page - Seoul Semiconductor

Part # SPS-8T
Description  Photointerrupter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

SPS-8T Datasheet(HTML) 2 Page - Seoul Semiconductor

  SPS-8T Datasheet HTML 1Page - Seoul Semiconductor SPS-8T Datasheet HTML 2Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SEOUL SEMICONDUCTOR CO., LTD.
148-29, Kasan-Dong, Keum Chun-Gu, Seoul, Korea
TEL: 82-2-3281-6269 FAX: 82-2-858-5537
- 2 -
SPS-8T
4 Absolute Maximum Ratings
(Ta=25℃)
Parameter
Symbol
Rating
Unit
Forward Current
IF
50
Emitter
Reverse Voltage
VR
5
V
Collector-Emitter Voltage
VCEO
30
V
Emitter-Collector Voltage
VECO
5
V
Collector Current
IC
20
Detector
Collector Power Dissipation
PC
100
Operating Temperature
Topr
-25 ~ +85
Storage Temperature
Tstg
-30 ~ +100
Soldering Temperature
Tsol
260 (for 5sec)
1 Soldering conditions:
Soldering iron: Temperature at tip of iron: 280℃max (30W max)
Soldering time: 3sec. Max.
4 Electro-Optical Characteristics (Ta=25℃)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Forward Voltage
VF
IF=20㎃
-
1.3
1.5
V
Reverse Current
IR
VR=5V
-
0.01
10
Emitter
Peak Emission Wavelength
λP
IF=20㎃
-
940
-
Light Current
IL
VCE=10V
IF=20㎃
0.5
-
-
Collector Dark Current
ICEO
VCE=10V
-
-
0.2
C-E Saturation Voltage
VCE(SAT)
IC=0.1㎃
IF=20㎃
-
0.1
0.4
V
Detector
Peak Sensitivity Wavelength
λP
-
-
800
-
tr
-
5
-
Response Time: Rise Time
Fall Time
tf
VCE=5V
IL=2㎃
RL=100
-
6
-


Similar Part No. - SPS-8T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPS-80 ETC-SPS-80 Datasheet
563Kb / 8P
   High Voltage Rectifiers
logo
Optoway Technology Inc
SPS-8105BG OPTOWAY-SPS-8105BG Datasheet
144Kb / 4P
   3.3V / 1310 nm / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-8105BWG OPTOWAY-SPS-8105BWG Datasheet
144Kb / 4P
   3.3V / 1310 nm / 4.25 Gbps Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
SPS-8105G OPTOWAY-SPS-8105G Datasheet
144Kb / 4P
   3.3V / 1310 nm / 4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
SPS-8105G OPTOWAY-SPS-8105G_15 Datasheet
148Kb / 5P
   4.25 Gbps LC SFP SINGLE-MODE TRANSCEIVER
More results

Similar Description - SPS-8T

ManufacturerPart #DatasheetDescription
logo
COSMO Electronics Corp...
KW1S50FC COSMO-KW1S50FC Datasheet
365Kb / 2P
   Photointerrupter
KW1S55FC COSMO-KW1S55FC Datasheet
394Kb / 2P
   Photointerrupter
logo
Sharp Corporation
GP1S52VJ000F SHARP-GP1S52VJ000F Datasheet
155Kb / 12P
   Photointerrupter
logo
Toshiba Semiconductor
TLP1002A TOSHIBA-TLP1002A Datasheet
401Kb / 9P
   PHOTOINTERRUPTER
logo
COSMO Electronics Corp...
KW1S57FC COSMO-KW1S57FC Datasheet
376Kb / 2P
   Photointerrupter
KW1S54FC COSMO-KW1S54FC Datasheet
375Kb / 2P
   Photointerrupter
KW1S40FC COSMO-KW1S40FC Datasheet
393Kb / 2P
   Photointerrupter
logo
Lite-On Technology Corp...
LTH-306-09 LITEON-LTH-306-09 Datasheet
411Kb / 6P
   Photointerrupter
LTH-872-N55T1 LITEON-LTH-872-N55T1 Datasheet
412Kb / 6P
   Photointerrupter
logo
Hamamatsu Corporation
P6291 HAMAMATSU-P6291 Datasheet
63Kb / 2P
   Photointerrupter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com