Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME1117ACBT Datasheet(PDF) 15 Page - Analog Microelectronics

Part # AME1117ACBT
Description  1A Low Dropout Positive Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME1117ACBT Datasheet(HTML) 15 Page - Analog Microelectronics

Back Button AME1117ACBT Datasheet HTML 11Page - Analog Microelectronics AME1117ACBT Datasheet HTML 12Page - Analog Microelectronics AME1117ACBT Datasheet HTML 13Page - Analog Microelectronics AME1117ACBT Datasheet HTML 14Page - Analog Microelectronics AME1117ACBT Datasheet HTML 15Page - Analog Microelectronics AME1117ACBT Datasheet HTML 16Page - Analog Microelectronics AME1117ACBT Datasheet HTML 17Page - Analog Microelectronics AME1117ACBT Datasheet HTML 18Page - Analog Microelectronics AME1117ACBT Datasheet HTML 19Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
AME, Inc.
Rev.S.02
15
AME1117
1A Low Dropout
Positive Voltage Regulator
Load Transient Response
Line Transient Response
Time (
µS)
0
1
-0.1
0
0.1
V
IN=5V
V
O=3.3V
Preload=100mA
C
OUT=10µF
C
OUT=1µF
C
OUT=0µF
∆V
O
C
IN=10µF
2
0.0
25
50
I
O
T
J=25
O
C
Time (
µS)
5V
6V
-30mV
0
30mV
V
O Deviation
V
IN
C
IN=CO=1mF, IO=0.1A, VO=3.3V
T
J=25
O
C


Similar Part No. - AME1117ACBT

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME1117ACBT AME-AME1117ACBT Datasheet
128Kb / 15P
   1A Low Dropout Positive Voltage Regulator
More results

Similar Description - AME1117ACBT

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com