Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME1117ACBT Datasheet(PDF) 14 Page - Analog Microelectronics

Part # AME1117ACBT
Description  1A Low Dropout Positive Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME1117ACBT Datasheet(HTML) 14 Page - Analog Microelectronics

Back Button AME1117ACBT Datasheet HTML 10Page - Analog Microelectronics AME1117ACBT Datasheet HTML 11Page - Analog Microelectronics AME1117ACBT Datasheet HTML 12Page - Analog Microelectronics AME1117ACBT Datasheet HTML 13Page - Analog Microelectronics AME1117ACBT Datasheet HTML 14Page - Analog Microelectronics AME1117ACBT Datasheet HTML 15Page - Analog Microelectronics AME1117ACBT Datasheet HTML 16Page - Analog Microelectronics AME1117ACBT Datasheet HTML 17Page - Analog Microelectronics AME1117ACBT Datasheet HTML 18Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
AME, Inc.
14
1A Low Dropout
Positive Voltage Regulator
AME1117
Rev.S.02
Temperature Stability
(For Fixed Voltage)
Temperature Stability
(For Adjustable Voltage)
Short Circuit Current
Dropout Voltage
Adjust Pin Current
Minimum Operating Current
Temperature (oC)
0
5
10
15
20
25
30
35
40
45
-50
-25
0
25
50
75
100
125
Input/Output Differential Voltage(V)
0
1
2
3
4
5
6
7
0
1
2
3
4
5
6
7
8
9
T
J=25
O
C
1.238
1.240
1.242
1.244
1.246
1.248
1.250
1.252
-50
-25
0
25
50
75
100
125
Temperature (oC)
I
O=10mA
-0.25
-0.20
-0.15
-0.10
-0.05
0.00
-50
-30
-10
10
30
50
70
90
Temperature (oC)
I
O=0mA
Input/Output Differential Voltage(V)
0.0
0.5
1.0
1.5
2.0
2.5
3.0
1
2
3
4
5
6
7
8
9
10
T
J=25
O
C
Load Current (A)
0.90
0.95
1.00
1.05
1.10
1.15
1.20
1.25
0
0.2
0.4
0.6
0.8
1
T
J=25
O
C


Similar Part No. - AME1117ACBT

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME1117ACBT AME-AME1117ACBT Datasheet
128Kb / 15P
   1A Low Dropout Positive Voltage Regulator
More results

Similar Description - AME1117ACBT

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com