Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME1117ACBT Datasheet(PDF) 10 Page - Analog Microelectronics

Part # AME1117ACBT
Description  1A Low Dropout Positive Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME1117ACBT Datasheet(HTML) 10 Page - Analog Microelectronics

Back Button AME1117ACBT Datasheet HTML 6Page - Analog Microelectronics AME1117ACBT Datasheet HTML 7Page - Analog Microelectronics AME1117ACBT Datasheet HTML 8Page - Analog Microelectronics AME1117ACBT Datasheet HTML 9Page - Analog Microelectronics AME1117ACBT Datasheet HTML 10Page - Analog Microelectronics AME1117ACBT Datasheet HTML 11Page - Analog Microelectronics AME1117ACBT Datasheet HTML 12Page - Analog Microelectronics AME1117ACBT Datasheet HTML 13Page - Analog Microelectronics AME1117ACBT Datasheet HTML 14Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
AME, Inc.
10
1A Low Dropout
Positive Voltage Regulator
AME1117
Rev.S.02
1. Output Voltage Adjustment
Like most regulators, the AME1117 regulates the out-
put by comparing the output voltage to an internally gen-
erated reference voltage. On the adjustable version, the
V
REF is available externally as 1.25V between VOUT and
ADJ. The voltage ratio formed by R1 and R2 should be
set to conduct 10mA (minimum output load). The output
voltage is given by the following equation:
V
OUT = VREF ( 1 +
) + I
ADJ x R2
On fixed versions of AME1117, the voltage divider is
provided internally.
n Application Description
R2
R1
2. Thermal Protection
AME1117 has thermal protection which limits junction
temperature to 150oC. However, device functionality is
only guaranteed to a maximum junction temperature of
+125oC.
The power dissipation and junction temperature for
AME1117 is given by
P
D = (VIN - VOUT) x IOUT
T
JUNCTION = TAMBIENT + ( PD x θJA)
Note: T
JUNCTION must not exceed 125
oC
3. Current Limit Protection
AME1117 is protected against overload conditions. Cur-
rent protection is triggered at typically 1.5A.
4. Stability and Load Regulation
AME1117 requires a capacitor from V
OUT to GND to pro-
vide compensation feedback to the internal gain stage.
This is to ensure stability at the output terminal. Typi-
cally, a 10
µF tantalum or 50µF aluminum electrolytic is
sufficient.
(Note: It is important that the ESR for this capacitor does not ex-
ceed 0.5
Ω.)
The output capacitor does not have a theoretical upper
limit and increasing its value will increase stability. C
OUT
= 100
µF or more is typical for high current regulator de-
sign.
For the adjustable version, the best load regulation is
accomplished when the top of the resistor divider (R1) is
connected directly to the output pin of the AME1117.
When so connected, R
P is not multiplied by the divider
ratio.
For fixed output versions, the top of R1 is internally
connected to the output. The ground pin can be connected
to the low side of the load in order to eliminate ground
loop errors.
OUT
ADJ
IN
V
IN
R1
R2
R
L
R
P
Parasitic
Line Resistance
Connect
R2 to load
(Connect R1 to case)
V
OUT = VREF (1+
R2
R1
) + I
ADJ x R2
OUT
ADJ
IN
V
REF
I
ADJ
55
µA
V
IN
V
OUT
R1
R2
C
1


Similar Part No. - AME1117ACBT

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME1117ACBT AME-AME1117ACBT Datasheet
128Kb / 15P
   1A Low Dropout Positive Voltage Regulator
More results

Similar Description - AME1117ACBT

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com