Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME1117ACBT Datasheet(PDF) 18 Page - Analog Microelectronics

Part # AME1117ACBT
Description  1A Low Dropout Positive Voltage Regulator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME1117ACBT Datasheet(HTML) 18 Page - Analog Microelectronics

Back Button AME1117ACBT Datasheet HTML 11Page - Analog Microelectronics AME1117ACBT Datasheet HTML 12Page - Analog Microelectronics AME1117ACBT Datasheet HTML 13Page - Analog Microelectronics AME1117ACBT Datasheet HTML 14Page - Analog Microelectronics AME1117ACBT Datasheet HTML 15Page - Analog Microelectronics AME1117ACBT Datasheet HTML 16Page - Analog Microelectronics AME1117ACBT Datasheet HTML 17Page - Analog Microelectronics AME1117ACBT Datasheet HTML 18Page - Analog Microelectronics AME1117ACBT Datasheet HTML 19Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
AME, Inc.
18
1A Low Dropout
Positive Voltage Regulator
AME1117
Rev.S.02
MIN
MAX
MIN
MAX
A
0.43
0.58
0.0169
0.0230
B
1.60
1.95
0.0630
0.0768
C
0.51
1.78
0.0200
0.0701
D
0.43
0.60
0.0169
0.0236
E
6.35
6.80
0.2500
0.2677
F
5.36
7.20
0.2110
0.2835
G
2.20
3.00
0.0866
0.1181
H
-
* 2.30
-
*0.0906
J
-
0.97
-
0.0380
K
5.20
5.50
0.2047
0.2165
L
1.40REF
0.055REF
SYMBOLS
MILLIMETERS
INCHES
n Package Dimension
TO-252-2
*: Typical Value
Notes:
1. Controlling dimension: Millimeters.
2. Maximum lead thickness includes lead finish thickness Mini-
mum lead thickness is the minimum thickness of base material.
C
G
F
L
Top View
Side View
E
K
B
A
D
H
J


Similar Part No. - AME1117ACBT

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME1117ACBT AME-AME1117ACBT Datasheet
128Kb / 15P
   1A Low Dropout Positive Voltage Regulator
More results

Similar Description - AME1117ACBT

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2940 UTC-LM2940 Datasheet
154Kb / 11P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com