Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7C4300W Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PT7C4300W
Description  Real-time Clock Module (I짼c Bus)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C4300W Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PT7C4300W Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7C4300W Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7C4300W Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7C4300W Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7C4300W Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7C4300W Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7C4300W Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C4300W Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C4300W Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
PT0222(02/06)
Ver: 0
2
Data Sheet
PT7C4300
Real-time Clock Module (I
2C Bus)
Function Block
Recommended Layout for Crystal
Crystal Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Nominal Frequency
fO
32.768
kHz
Series Resistance
ESR
40
k
Load Capacitance
CL
12.5
pF
The crystal, traces and crystal input pins should be isolated from RF generating signals.
32.768kHz
Crystal
X2
X1
PT7C4307
Guard Ring
(connect to gound)
Local Ground plane
Layer 2
PT7C4300


Similar Part No. - PT7C4300W

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7C4302 PERICOM-PT7C4302 Datasheet
551Kb / 16P
   Real-time Clock Module (3-wire Interface)
PT7C4302P PERICOM-PT7C4302P Datasheet
551Kb / 16P
   Real-time Clock Module (3-wire Interface)
PT7C4302W PERICOM-PT7C4302W Datasheet
551Kb / 16P
   Real-time Clock Module (3-wire Interface)
PT7C4302WE PERICOM-PT7C4302WE Datasheet
457Kb / 14P
   Real-time Clock Module (3-wire Interface)
PT7C4302WEX PERICOM-PT7C4302WEX Datasheet
457Kb / 14P
   Real-time Clock Module (3-wire Interface)
More results

Similar Description - PT7C4300W

ManufacturerPart #DatasheetDescription
logo
Epson Company
RA8900SA EPSON-RA8900SA Datasheet
335Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
RTC-4543 EPSON-RTC-4543 Datasheet
257Kb / 2P
   REAL TIME CLOCK MODULE (SPI-Bus)
RTC-4574 EPSON-RTC-4574 Datasheet
295Kb / 2P
   REAL TIME CLOCK MODULE (SPI-Bus)
RTC-8564NB EPSON-RTC-8564NB Datasheet
298Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
RX-8035SA EPSON-RX-8035SA Datasheet
283Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
logo
Diodes Incorporated
PT7C433833A DIODES-PT7C433833A Datasheet
2Mb / 20P
   Real-time Clock Module (I2C Bus)
Rev 2 - 2 June 2019
logo
List of Unclassifed Man...
PT7C4337 ETC2-PT7C4337 Datasheet
622Kb / 25P
   Real-time Clock Module (I2C Bus)
logo
Epson Company
RTC-4701 EPSON-RTC-4701 Datasheet
279Kb / 2P
   REAL TIME CLOCK MODULE (SPI-Bus)
RX-4581NB EPSON-RX-4581NB Datasheet
255Kb / 2P
   REAL TIME CLOCK MODULE (SPI-Bus)
RX-8025SA EPSON-RX-8025SA Datasheet
303Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com