Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GSS4565 Datasheet(PDF) 2 Page - GTM CORPORATION

Part # GSS4565
Description  N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSS4565 Datasheet(HTML) 2 Page - GTM CORPORATION

  GSS4565 Datasheet HTML 1Page - GTM CORPORATION GSS4565 Datasheet HTML 2Page - GTM CORPORATION GSS4565 Datasheet HTML 3Page - GTM CORPORATION GSS4565 Datasheet HTML 4Page - GTM CORPORATION GSS4565 Datasheet HTML 5Page - GTM CORPORATION GSS4565 Datasheet HTML 6Page - GTM CORPORATION GSS4565 Datasheet HTML 7Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
GSS4565
Page: 2/7
ISSUED DATE :2005/07/27
REVISED DATE :2005/09/29B
N-Channel Electrical Characteristics(Tj = 25
Unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
40
-
-
V
VGS=0, ID=250uA
Breakdown Voltage Temperature Coefficient
BVDSS /
Tj
-
0.03
-
V/ :
Reference to 25 : , ID=1mA
Gate Threshold Voltage
VGS(th)
1.0
-
3.0
V
VDS=VGS, ID=250uA
Forward Transconductance
gfs
-
12
-
S
VDS=10V, ID=7A
Gate-Source Leakage Current
IGSS
-
-
D100
nA
VGS= D20V
Drain-Source Leakage Current(Tj=25 : )
-
-
1
uA
VDS=40V, VGS=0
Drain-Source Leakage Current(Tj=70 : )
IDSS
-
-
25
uA
VDS=32V, VGS=0
-
-
25
VGS=10V, ID=7A
Static Drain-Source On-Resistance2
RDS(ON)
-
-
32
m Ł
VGS=4.5V, ID=5A
Total Gate Charge2
Qg
-
17
27
Gate-Source Charge
Qgs
-
4
-
Gate-Drain (“Miller”) Change
Qgd
-
10
-
nC
ID=7A
VDS=32V
VGS=4.5V
Turn-on Delay Time2
Td(on)
-
11
-
Rise Time
Tr
-
8
-
Turn-off Delay Time
Td(off)
-
30
-
Fall Time
Tf
-
11
-
ns
VDS=20V
ID=1A
VGS=10V
RG=3.3 Ł
RD=20 Ł
Input Capacitance
Ciss
-
1400
2240
Output Capacitance
Coss
-
250
-
Reverse Transfer Capacitance
Crss
-
170
-
pF
VGS=0V
VDS=25V
f=1.0MHz
Source-Drain Diode
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Forward On Voltage2
VSD
-
-
1.2
V
IS=1.7A, VGS=0V, Tj=25 :
Reverse Recovery Time2
Trr
-
26
-
ns
Reverse Recovery Charge
Qrr
-
21
-
nC
IS=7A, VGS=0V
dI/dt=100A/ s
Notes: 1. Pulse width limited by Max. junction temperature.
2. Pulse width 300us, duty cycle 2%.
3. Surface mounted on 1 in2 copper pad of FR4 board; 135 : /W when mounted on Min. copper pad.


Similar Part No. - GSS4565

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS4569 GTM-GSS4569 Datasheet
442Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - GSS4565

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2531GY A-POWER-AP2531GY Datasheet
85Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJQ4503 JIANGSU-CJQ4503 Datasheet
5Mb / 6P
N-and P-Channel Enhancement Mode Power MOSFET
logo
Cystech Electonics Corp...
MTC3588N6 CYSTEKEC-MTC3588N6_16 Datasheet
856Kb / 12P
N- And P-Channel Enhancement Mode Power MOSFET
logo
Advanced Power Electron...
AP4501GSD A-POWER-AP4501GSD Datasheet
96Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4511GD A-POWER-AP4511GD Datasheet
155Kb / 8P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4569GD A-POWER-AP4569GD Datasheet
96Kb / 7P
N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com