Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA13173AH Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HA13173AH
Description  Multiple Voltage Regulator for Car Audio
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA13173AH Datasheet(HTML) 1 Page - Renesas Technology Corp

  HA13173AH Datasheet HTML 1Page - Renesas Technology Corp HA13173AH Datasheet HTML 2Page - Renesas Technology Corp HA13173AH Datasheet HTML 3Page - Renesas Technology Corp HA13173AH Datasheet HTML 4Page - Renesas Technology Corp HA13173AH Datasheet HTML 5Page - Renesas Technology Corp HA13173AH Datasheet HTML 6Page - Renesas Technology Corp HA13173AH Datasheet HTML 7Page - Renesas Technology Corp HA13173AH Datasheet HTML 8Page - Renesas Technology Corp HA13173AH Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev.1.00 Jan 16, 2007 page 1 of 9
HA13173AH
Multiple Voltage Regulator for Car Audio
REJ03F0227-0100
Rev.1.00
Jan 16, 2007
Description
The HA13173AH is a multiple voltage regulator for car audio system. This IC has 5.0 V output for a microcontroller,
3.3 V output for a Digital Signal Processor, 8.0 V output for CD driver, 8.4 V output for audio control, 8.4 V output for
illuminations, and high side switch output for external output.
The HA13173AH also has FREG that is possible to control external PNP transistor. It is adjustable output voltage by
changing an external resistor.
Functions
• Standby current is 100 µA max.
• The Vdd output for microcontroller has backup function, by independent power supply line.
• Low saturation output (PNP output) used for audio output.
• Output current limit circuit to avoid device destruction caused by shorted output, etc.
• High surge input protector against VB and VBUP.
• Built in a thermal shutdown circuit to prevent against the thermal destruction.
• The package is PRSS0015DA-C (SP-15TGV).


Similar Part No. - HA13173AH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA13173H RENESAS-HA13173H Datasheet
218Kb / 24P
   Multiple Voltage Regulator for Car Audio
More results

Similar Description - HA13173AH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA13164AH RENESAS-HA13164AH Datasheet
170Kb / 17P
   Multiple Voltage Regulator for Car Audio
HA13166H RENESAS-HA13166H Datasheet
189Kb / 19P
   Multiple Voltage Regulator for Car Audio
HA13165H RENESAS-HA13165H Datasheet
120Kb / 10P
   Multiple Voltage Regulator for Car Audio
HA13173H RENESAS-HA13173H Datasheet
218Kb / 24P
   Multiple Voltage Regulator for Car Audio
HA13168H RENESAS-HA13168H Datasheet
130Kb / 11P
   Multiple Voltage Regulator for Car Audio
logo
STMicroelectronics
L5955 STMICROELECTRONICS-L5955 Datasheet
203Kb / 17P
   Multiple multifunction voltage regulator for car radio
L5950 STMICROELECTRONICS-L5950 Datasheet
132Kb / 8P
   MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L5954 STMICROELECTRONICS-L5954 Datasheet
171Kb / 15P
   Multiple multifunction voltage regulator for car radio
July 2010 Rev 1
L5962 STMICROELECTRONICS-L5962 Datasheet
248Kb / 24P
   Multiple linear/switching voltage regulator for car-radio
December 2009 Rev 2
logo
Sanyo Semicon Device
LV56831P SANYO-LV56831P_12 Datasheet
400Kb / 9P
   For Car Audio Systems Multi Voltage Regulator IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com