Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA13173AH Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HA13173AH
Description  Multiple Voltage Regulator for Car Audio
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA13173AH Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HA13173AH Datasheet HTML 2Page - Renesas Technology Corp HA13173AH Datasheet HTML 3Page - Renesas Technology Corp HA13173AH Datasheet HTML 4Page - Renesas Technology Corp HA13173AH Datasheet HTML 5Page - Renesas Technology Corp HA13173AH Datasheet HTML 6Page - Renesas Technology Corp HA13173AH Datasheet HTML 7Page - Renesas Technology Corp HA13173AH Datasheet HTML 8Page - Renesas Technology Corp HA13173AH Datasheet HTML 9Page - Renesas Technology Corp HA13173AH Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
HA13173AH
Rev.1.00 Jan 16, 2007 page 9 of 9
Package Dimensions
Unit : mm
*1
*1
*1
*1
2-C3.0
±
0.2
19.0 ±0.3
19.66
20.5 MAX
1.11±0.25
0.6 ±0.1
1.27 ±0.25
2.54 ±0.25
1.28
1.1MiN
TYP 1.50MAX
3.5
3.3MiN
TYP 3.8MAX
1.8 ±0.25
3.5 ±0.5
6.04 ±0.5
0.25
+0.10
-0.05
3.6 ±0.2
φ
Note) 1. Dimension "*1" is the value after bending.
( Ni/Pd/Au plating )
P-HSIP15-14.3x19.66-1.27
3.0g
MASS[Typ.]
SP-15TGV
PRSS0015DA-C
RENESAS Code
JEITA Package Code
Previous Code


Similar Part No. - HA13173AH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA13173H RENESAS-HA13173H Datasheet
218Kb / 24P
Multiple Voltage Regulator for Car Audio
More results

Similar Description - HA13173AH

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5950 STMICROELECTRONICS-L5950 Datasheet
132Kb / 8P
MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
logo
Renesas Technology Corp
HA13164AH RENESAS-HA13164AH Datasheet
170Kb / 17P
Multiple Voltage Regulator for Car Audio
HA13165H RENESAS-HA13165H Datasheet
120Kb / 10P
Multiple Voltage Regulator for Car Audio
HA13166H RENESAS-HA13166H Datasheet
189Kb / 19P
Multiple Voltage Regulator for Car Audio
HA13168H RENESAS-HA13168H Datasheet
130Kb / 11P
Multiple Voltage Regulator for Car Audio
HA13173H RENESAS-HA13173H Datasheet
218Kb / 24P
Multiple Voltage Regulator for Car Audio
logo
STMicroelectronics
L5955 STMICROELECTRONICS-L5955 Datasheet
203Kb / 17P
Multiple multifunction voltage regulator for car radio
L5962 STMICROELECTRONICS-L5962 Datasheet
248Kb / 24P
Multiple linear/switching voltage regulator for car-radio
December 2009 Rev 2
logo
Sanyo Semicon Device
LV56831P SANYO-LV56831P_12 Datasheet
400Kb / 9P
For Car Audio Systems Multi Voltage Regulator IC
logo
STMicroelectronics
L5954 STMICROELECTRONICS-L5954 Datasheet
171Kb / 15P
Multiple multifunction voltage regulator for car radio
July 2010 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com