Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA13173AH Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HA13173AH
Description  Multiple Voltage Regulator for Car Audio
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA13173AH Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HA13173AH Datasheet HTML 2Page - Renesas Technology Corp HA13173AH Datasheet HTML 3Page - Renesas Technology Corp HA13173AH Datasheet HTML 4Page - Renesas Technology Corp HA13173AH Datasheet HTML 5Page - Renesas Technology Corp HA13173AH Datasheet HTML 6Page - Renesas Technology Corp HA13173AH Datasheet HTML 7Page - Renesas Technology Corp HA13173AH Datasheet HTML 8Page - Renesas Technology Corp HA13173AH Datasheet HTML 9Page - Renesas Technology Corp HA13173AH Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
HA13173AH
Rev.1.00 Jan 16, 2007 page 7 of 9
Electrical Characteristics
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Standby current
IST
65
100
µA
CTL1, 2, 3, 4 = 0 V
CTL1 L level (DSP, AUDIO, CD OFF)
VC1L
0.0
1.0
V
CTL1 M level (DSP, AUDIO ON, CD OFF)
VC1M
2.0
3.0
V
CTL1 H level (DSP, AUDIO, CD ON)
VC1H
4.0
6.0
V
CTL2 L level (EXT OFF)
VC2L
0.0
2.0
V
CTL2 H level (EXT ON)
VC2H
3.0
6.0
V
CTL3 L level (ILM OFF)
VC3L
0.0
2.0
V
CTL3 H level (ILM ON)
VC3H
3.0
6.0
V
CTL4 L level (FREG OFF)
VC4L
0.0
2.0
V
CTL4 H level (FREG ON)
VC4H
3.0
6.0
V
Output voltage
Vo1
4.75
5.00
5.25
V
Io1 = 160 mA
Voltage regulation
∆Vo11
10
50
mV
Vcc = 10 to 16 V, Io1 = 160 mA
Load regulation
∆Vo12
50
100
mV
Io1 = 0 to 160 mA
Minimum I/O voltage
differential
∆Vo13
0.4
0.9
V
Io1 = 160 mA
Output current capacity
Io1
200
400
mA
Vo1
≥ 4.7 V
VDD
OUT
Ripple rejection ratio
SVR1
45
55
dB
f = 100 Hz, Io1 = 160 mA
Output voltage
Vo2
7.6
8.0
8.4
V
Io2 = 1.0 A
Voltage regulation
∆Vo21
40
100
mV
Vcc = 10 to 16V, Io2 = 1.0 A
Load regulation
∆Vo22
70
150
mV
Io2 = 10m to 1.0 A
Minimum I/O voltage
differential
∆Vo23
1.0
1.5
V
Io2 = 1.0 A
Output current capacity
Io2
1.3
2.0
mA
Vo2
≥ 7.6 V
CD
OUT
Ripple rejection ratio
SVR2
40
50
dB
f = 100 Hz, Io2 = 1.0 A
Output voltage
Vo3
8.1
8.4
8.7
V
Io3 = 400 mA
Voltage regulation
∆Vo31
30
90
mV
Vcc = 10 to 16 V, Io3 = 400 mA
Load regulation
∆Vo32
100
200
mV
Io3 = 10 to 400 mA
Minimum I/O voltage
differential
∆Vo33
0.4
0.9
V
Io3 = 400 mA
Output current capacity
Io3
500
850
mA
Vo3
≥ 8.1 V
AUDIO
OUT
Ripple rejection ratio
SVR3
45
50
dB
f = 100 Hz, Io3 = 400 mA
Output voltage
Vo4
3.1
3.3
3.5
V
Io4 = 200 mA
Voltage regulation
∆Vo41
40
100
mV
Vcc = 10 to 16 V, Io4 = 200 mA
Load regulation
∆Vo42
50
100
mV
Io4 = 0 to 200 mA
Output current capacity
Io4
250
500
mA
Vo4
≥ 3.1 V
DSP
OUT
Ripple rejection ratio
SVR4
45
55
dB
f = 100 Hz, Io4 = 200 mA
Output voltage
Vo5
8.0
8.4
8.8
V
Io5 = 400 mA
Voltage regulation
∆Vo51
40
100
mV
Vcc = 10 to 16 V, Io5 = 400 mA
Load regulation
∆Vo52
70
150
mV
Io5 = 10 to 400 mA
Minimum I/O voltage
differential
∆Vo53
1.0
1.3
V
Io5 = 400 mA
Output current capacity
Io5
500
900
mA
Vo5
≥ 8.0 V
ILM
OUT
Ripple rejection ratio
SVR5
40
50
dB
f = 100 Hz, Io5 = 400 mA
Minimum I/O voltage
differential
∆Vo61
0.6
1.0
V
Vcc = 10 to 16 V, Io6 = 480 mA
Load regulation
∆Vo62
200
400
mV
Io6 = 10 to 480 mA
EXT
OUT
Output current capacity
Io6
600
900
mA
Vo61
≤ 1.0 V
FREG_F Output voltage
VFF7
1.17
1.23
1.29
V
Iload (external PNP) = 400 mA
FREG_F Voltage regulation
∆VFF71
10
25
mV
Vcc = 10 to 16 V, Iload = 400 mA
FREG_F Load regulation
∆VFF72
10
25
mV
Iload = 10 to 400 mA
FREG_B Output current
capacity
IFB7
30
30
mA
VFF
≥ 1.17 V
FREG
OUT
FREG_F input bias current
IFF7
50
300
nA


Similar Part No. - HA13173AH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA13173H RENESAS-HA13173H Datasheet
218Kb / 24P
   Multiple Voltage Regulator for Car Audio
More results

Similar Description - HA13173AH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA13164AH RENESAS-HA13164AH Datasheet
170Kb / 17P
   Multiple Voltage Regulator for Car Audio
HA13166H RENESAS-HA13166H Datasheet
189Kb / 19P
   Multiple Voltage Regulator for Car Audio
HA13165H RENESAS-HA13165H Datasheet
120Kb / 10P
   Multiple Voltage Regulator for Car Audio
HA13173H RENESAS-HA13173H Datasheet
218Kb / 24P
   Multiple Voltage Regulator for Car Audio
HA13168H RENESAS-HA13168H Datasheet
130Kb / 11P
   Multiple Voltage Regulator for Car Audio
logo
STMicroelectronics
L5955 STMICROELECTRONICS-L5955 Datasheet
203Kb / 17P
   Multiple multifunction voltage regulator for car radio
L5950 STMICROELECTRONICS-L5950 Datasheet
132Kb / 8P
   MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L5954 STMICROELECTRONICS-L5954 Datasheet
171Kb / 15P
   Multiple multifunction voltage regulator for car radio
July 2010 Rev 1
L5962 STMICROELECTRONICS-L5962 Datasheet
248Kb / 24P
   Multiple linear/switching voltage regulator for car-radio
December 2009 Rev 2
logo
Sanyo Semicon Device
LV56831P SANYO-LV56831P_12 Datasheet
400Kb / 9P
   For Car Audio Systems Multi Voltage Regulator IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com