Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA13173H Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # HA13173H
Description  Multiple Voltage Regulator for Car Audio
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA13173H Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button HA13173H Datasheet HTML 16Page - Renesas Technology Corp HA13173H Datasheet HTML 17Page - Renesas Technology Corp HA13173H Datasheet HTML 18Page - Renesas Technology Corp HA13173H Datasheet HTML 19Page - Renesas Technology Corp HA13173H Datasheet HTML 20Page - Renesas Technology Corp HA13173H Datasheet HTML 21Page - Renesas Technology Corp HA13173H Datasheet HTML 22Page - Renesas Technology Corp HA13173H Datasheet HTML 23Page - Renesas Technology Corp HA13173H Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
HA13173H
Rev.1.00 Jan 16, 2007 page 22 of 23
Protections
1. Overvoltage protection circuit
The overvoltage protection circuit (surge protector) turns off all outputs without Vdd, when VB voltage is more than
about 21 V.
And the overvoltage protection circuit (surge protector) turns off Vdd output with other all outputs, when VB
voltage is more than about 26 V.
The VB
≥ 18 V condition, the stand by current increases.
2. Overcurrent protection circuit
FREG_B (pin 2), ILM OUT (pin 4), CD OUT (pin 6), DSP OUT (pin 7), AUDIO OUT (pin 10), EXT OUT (pin 12),
VDD OUT (pin 14) output circuits are built-in overcurrent protection circuit, based on the respective output current.
3. Thermal protection circuit
A built-in thermal protection circuit (TSD: Thermal Shut Down) prevents thermal damage to the IC.
All outputs except VDD (pin 14) and FREG (pin 2, 3) are switched off when the circuit operates, revert to the
original state when the temperature drops to a certain level.
4. FREG operation
FREG function needs external PNP transistor, feedback resistor, stability capacitor. If the external transistor
become saturation level, the base current depend on IC specification, that is FREG_B (pin 2) maximum current
specification.
5. We recommend to mount a bypass diode in your application if there is a mode where potential difference between
each output and VB (pin 8), VBUP (pin 15) or GND (pin 1) is reversed from the normal state.
6. Header of IC (TAB) have to connect to GND.
For mounting the header of IC on the heat sink with the screw, heat sink have to connect to GND. When header of
IC mount with heat sink with holding parts (use conductive material), holding parts have to connect to GND.
At this time, the holding parts mount with heat sink with the screw, or it must connect to header of IC.
If users have question or request, please contact the vendor.
7. Soldering should be done within the soldering heat test standard of the IC, specifying that the lead wires, up to 1 to
1.5 mm off the IC body, are kept in solder at 260°C for 10 s and at 350°C for 3 s. Therefore give careful
consideration in order to do not exceed the condition. In a soldering iron is used, use a soldering iron grounded and
do not leak at the tip.
8. To keep stability regulation
The stability capacitor should be no temperature dependability and no bias voltage dependability.
ESR level should be bellow 10 W all temperature range.


Similar Part No. - HA13173H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA13173AH RENESAS-HA13173AH Datasheet
121Kb / 10P
   Multiple Voltage Regulator for Car Audio
More results

Similar Description - HA13173H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA13164AH RENESAS-HA13164AH Datasheet
170Kb / 17P
   Multiple Voltage Regulator for Car Audio
HA13166H RENESAS-HA13166H Datasheet
189Kb / 19P
   Multiple Voltage Regulator for Car Audio
HA13165H RENESAS-HA13165H Datasheet
120Kb / 10P
   Multiple Voltage Regulator for Car Audio
HA13168H RENESAS-HA13168H Datasheet
130Kb / 11P
   Multiple Voltage Regulator for Car Audio
HA13173AH RENESAS-HA13173AH Datasheet
121Kb / 10P
   Multiple Voltage Regulator for Car Audio
logo
STMicroelectronics
L5955 STMICROELECTRONICS-L5955 Datasheet
203Kb / 17P
   Multiple multifunction voltage regulator for car radio
L5950 STMICROELECTRONICS-L5950 Datasheet
132Kb / 8P
   MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L5954 STMICROELECTRONICS-L5954 Datasheet
171Kb / 15P
   Multiple multifunction voltage regulator for car radio
July 2010 Rev 1
L5962 STMICROELECTRONICS-L5962 Datasheet
248Kb / 24P
   Multiple linear/switching voltage regulator for car-radio
December 2009 Rev 2
logo
Sanyo Semicon Device
LV56831P SANYO-LV56831P_12 Datasheet
400Kb / 9P
   For Car Audio Systems Multi Voltage Regulator IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com