Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA13173H Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # HA13173H
Description  Multiple Voltage Regulator for Car Audio
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA13173H Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HA13173H Datasheet HTML 2Page - Renesas Technology Corp HA13173H Datasheet HTML 3Page - Renesas Technology Corp HA13173H Datasheet HTML 4Page - Renesas Technology Corp HA13173H Datasheet HTML 5Page - Renesas Technology Corp HA13173H Datasheet HTML 6Page - Renesas Technology Corp HA13173H Datasheet HTML 7Page - Renesas Technology Corp HA13173H Datasheet HTML 8Page - Renesas Technology Corp HA13173H Datasheet HTML 9Page - Renesas Technology Corp HA13173H Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
HA13173H
Rev.1.00 Jan 16, 2007 page 6 of 23
External Parts Lineup
Operation with Different Value from the
Range of Recommended Value
Parts
No.
Function
Range of
Recommended
More than the Range
Less than the Range
C1
Bypass capacitor
Upper 100
µF
Unstable
Lower ripple rejection
ratio
C2
To prevent oscillation
0.1
µF
Stability improve
Unstable
CBUP
B backup capacitor
0.1 to 1000
µF
Backup time becomes
long
Unstable
CCD
CILM
To prevent oscillation
0.1 to 1000
µF
Unconfirmed
Unstable
CVDD
CDSP
CAUDIO
CFREG
CEXT
To prevent oscillation
0.1 to 470
µF
Unconfirmed
Unstable
DBUP
IF
≥ 200 mA
Be careful of the maximum rating
DEXT1
DEXT2
Protection against mistake in joining.
Terminal protection for short circuit to
+B when VCC terminal is open and
for short circuit to GND when GND
terminal is open.
We recommend Schottky barrier
diodes.
IF
≥ 1 A
Be careful of the
maximum rating. The
ability to protect
terminal lower. And
there is some
possibility of
destruction.
RFREG1
RFREG2
Output voltage = (1 +
RFREG1/RFREG2)
× 1.26 V
100 to 10 k
Unstable
Loss of current
increases
GFREG3
Resistance for limiting base current of
PNP transistor
Choose resistance by a required output current value and hFE of
PNP transistor
Choose resistance by a required output current
value and hFE of PNP transistor
QFREG
Output PNP transistor for FREG
(We recommend Renesas 2SB857.)
hFE = 50 to 200
Unstable
Lower output current
capability
Notes: 1. We recommend Polyester film capacitor. To improve stability, take notes of the below precautions.
(1)
Use capacitor that is temperature independent.
(2)
Use capacitor that is bias voltage independent.
(3)
In order to bypass high frequency noise efficiently, mount the capacitor as close as possible to the VCC
and GND of IC to eliminate PCB pattern inductance.
2. For using of the lower limit of recommended value, take notes of the below precautions.
(1)
Use capacitor that is temperature independent.
(2)
Use capacitor that is bias voltage independent.
(3)
To eliminate PCB pattern inductance mount the capacitor as close as possible to the output pin and
GND of IC.
3. To improve stability, take notes of the below precautions.
(1)
Use capacitor that is temperature independent.
(2)
Use capacitor that is bias voltage independent.
(3)
ESR needs to be less than 10
Ω in all the temperature ranges to be used.
(4)
To eliminate PCB pattern inductance mount the capacitor as close as possible to the output pin and
GND of IC.


Similar Part No. - HA13173H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA13173AH RENESAS-HA13173AH Datasheet
121Kb / 10P
Multiple Voltage Regulator for Car Audio
More results

Similar Description - HA13173H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5950 STMICROELECTRONICS-L5950 Datasheet
132Kb / 8P
MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
logo
Renesas Technology Corp
HA13164AH RENESAS-HA13164AH Datasheet
170Kb / 17P
Multiple Voltage Regulator for Car Audio
HA13165H RENESAS-HA13165H Datasheet
120Kb / 10P
Multiple Voltage Regulator for Car Audio
HA13166H RENESAS-HA13166H Datasheet
189Kb / 19P
Multiple Voltage Regulator for Car Audio
HA13168H RENESAS-HA13168H Datasheet
130Kb / 11P
Multiple Voltage Regulator for Car Audio
HA13173AH RENESAS-HA13173AH Datasheet
121Kb / 10P
Multiple Voltage Regulator for Car Audio
logo
STMicroelectronics
L5955 STMICROELECTRONICS-L5955 Datasheet
203Kb / 17P
Multiple multifunction voltage regulator for car radio
L5962 STMICROELECTRONICS-L5962 Datasheet
248Kb / 24P
Multiple linear/switching voltage regulator for car-radio
December 2009 Rev 2
logo
Sanyo Semicon Device
LV56831P SANYO-LV56831P_12 Datasheet
400Kb / 9P
For Car Audio Systems Multi Voltage Regulator IC
logo
STMicroelectronics
L5954 STMICROELECTRONICS-L5954 Datasheet
171Kb / 15P
Multiple multifunction voltage regulator for car radio
July 2010 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com