Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA13173H Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HA13173H
Description  Multiple Voltage Regulator for Car Audio
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA13173H Datasheet(HTML) 5 Page - Renesas Technology Corp

  HA13173H Datasheet HTML 1Page - Renesas Technology Corp HA13173H Datasheet HTML 2Page - Renesas Technology Corp HA13173H Datasheet HTML 3Page - Renesas Technology Corp HA13173H Datasheet HTML 4Page - Renesas Technology Corp HA13173H Datasheet HTML 5Page - Renesas Technology Corp HA13173H Datasheet HTML 6Page - Renesas Technology Corp HA13173H Datasheet HTML 7Page - Renesas Technology Corp HA13173H Datasheet HTML 8Page - Renesas Technology Corp HA13173H Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
HA13173H
Rev.1.00 Jan 16, 2007 page 5 of 23
Block Diagram
+
3.5 V
+
CTL1
VB
11
1.5 V
Note: TAB (header of IC) connected to GND.
GND
TAB
GND
1
EXT OUT
+
CTL2
13
2.5 V
+
CTL3
9
2.5 V
+
+
CTL4
5
2.5 V
FREG_F
VREF
TSD
BIAS
ILM OUT
CILM
0.1
µF
CFREG
10
µF
QFREG
+
+
+
+
VREF
VREF
12
FREG_B
RFREG3
RFREG1
RFREG2
4
2
3
DEXT2
DBUP
DEXT1
CEXT
10
µF
+
+
+
+
VDD OUT
14
DSP OUT
7
CD OUT
6
AUDIO OUT
10
CCD
0.1
µF
CAUDIO
10
µF
+
CDSP
10
µF
+
CVDD
10
µF
VBUP
15
8
+
C1
100
µF
+
CBUP
100
µF
C2
0.1
µF
+
Over voltage detect
+B


Similar Part No. - HA13173H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA13173AH RENESAS-HA13173AH Datasheet
121Kb / 10P
   Multiple Voltage Regulator for Car Audio
More results

Similar Description - HA13173H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA13164AH RENESAS-HA13164AH Datasheet
170Kb / 17P
   Multiple Voltage Regulator for Car Audio
HA13166H RENESAS-HA13166H Datasheet
189Kb / 19P
   Multiple Voltage Regulator for Car Audio
HA13165H RENESAS-HA13165H Datasheet
120Kb / 10P
   Multiple Voltage Regulator for Car Audio
HA13168H RENESAS-HA13168H Datasheet
130Kb / 11P
   Multiple Voltage Regulator for Car Audio
HA13173AH RENESAS-HA13173AH Datasheet
121Kb / 10P
   Multiple Voltage Regulator for Car Audio
logo
STMicroelectronics
L5955 STMICROELECTRONICS-L5955 Datasheet
203Kb / 17P
   Multiple multifunction voltage regulator for car radio
L5950 STMICROELECTRONICS-L5950 Datasheet
132Kb / 8P
   MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L5954 STMICROELECTRONICS-L5954 Datasheet
171Kb / 15P
   Multiple multifunction voltage regulator for car radio
July 2010 Rev 1
L5962 STMICROELECTRONICS-L5962 Datasheet
248Kb / 24P
   Multiple linear/switching voltage regulator for car-radio
December 2009 Rev 2
logo
Sanyo Semicon Device
LV56831P SANYO-LV56831P_12 Datasheet
400Kb / 9P
   For Car Audio Systems Multi Voltage Regulator IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com