Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA13165H Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HA13165H
Description  Multiple Voltage Regulator for Car Audio
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA13165H Datasheet(HTML) 2 Page - Renesas Technology Corp

  HA13165H Datasheet HTML 1Page - Renesas Technology Corp HA13165H Datasheet HTML 2Page - Renesas Technology Corp HA13165H Datasheet HTML 3Page - Renesas Technology Corp HA13165H Datasheet HTML 4Page - Renesas Technology Corp HA13165H Datasheet HTML 5Page - Renesas Technology Corp HA13165H Datasheet HTML 6Page - Renesas Technology Corp HA13165H Datasheet HTML 7Page - Renesas Technology Corp HA13165H Datasheet HTML 8Page - Renesas Technology Corp HA13165H Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
HA13165H
Rev.1.00 Jan 16, 2007 page 2 of 9
Pin Description and Equivalent Circuit
Function
Pin
No.
Pin Name
Specification
Equivalent Circuit
Normal Operation
TSD
24 V
Surge
Input
1
NC
2
ANT OUT
VCC-1 V/500 mA min
Vcc
90 k
Vcc
10 k
Output voltage is
VCC-1 V when M or
H level to CTRL pin
and H level to ANT-
CTRL.
0 V
0 V
0 V
3
ACC IN
15 k
45 k
Connected to ACC.
4
VDD OUT
5.7 V/100 mA min
Vcc
175 k
Vcc
50 k
Regular 5.7 V.
5.7 V
5.7 V
0 V
5
SW5V OUT
5.0 V/100 mA min
Output voltage is 5
V when M or H level
applied to CTRL pin.
0 V
0 V
0 V
6
COMP OUT
5.0 V/100 mA min
Vcc
50 k
VDD
Output for ACC
detector
0 V
5 V
(ACC Hi)
0 V
7
ANT CTRL
49 k
51 k
L: ANT output OFF
H: ANT output ON
8
VCC
Connected to VCC


Similar Part No. - HA13165H

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13164 HITACHI-HA13164 Datasheet
130Kb / 18P
   Multiple Voltage Regulator
HA13164A HITACHI-HA13164A Datasheet
130Kb / 18P
   Multiple Voltage Regulator
logo
List of Unclassifed Man...
HA13164A ETC2-HA13164A Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
Renesas Technology Corp
HA13164AH RENESAS-HA13164AH Datasheet
170Kb / 17P
   Multiple Voltage Regulator for Car Audio
HA13166H RENESAS-HA13166H Datasheet
189Kb / 19P
   Multiple Voltage Regulator for Car Audio
More results

Similar Description - HA13165H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA13164AH RENESAS-HA13164AH Datasheet
170Kb / 17P
   Multiple Voltage Regulator for Car Audio
HA13166H RENESAS-HA13166H Datasheet
189Kb / 19P
   Multiple Voltage Regulator for Car Audio
HA13173H RENESAS-HA13173H Datasheet
218Kb / 24P
   Multiple Voltage Regulator for Car Audio
HA13168H RENESAS-HA13168H Datasheet
130Kb / 11P
   Multiple Voltage Regulator for Car Audio
HA13173AH RENESAS-HA13173AH Datasheet
121Kb / 10P
   Multiple Voltage Regulator for Car Audio
logo
STMicroelectronics
L5955 STMICROELECTRONICS-L5955 Datasheet
203Kb / 17P
   Multiple multifunction voltage regulator for car radio
L5950 STMICROELECTRONICS-L5950 Datasheet
132Kb / 8P
   MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L5954 STMICROELECTRONICS-L5954 Datasheet
171Kb / 15P
   Multiple multifunction voltage regulator for car radio
July 2010 Rev 1
L5962 STMICROELECTRONICS-L5962 Datasheet
248Kb / 24P
   Multiple linear/switching voltage regulator for car-radio
December 2009 Rev 2
logo
Sanyo Semicon Device
LV56831P SANYO-LV56831P_12 Datasheet
400Kb / 9P
   For Car Audio Systems Multi Voltage Regulator IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com