Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA13165H Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HA13165H
Description  Multiple Voltage Regulator for Car Audio
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA13165H Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button HA13165H Datasheet HTML 2Page - Renesas Technology Corp HA13165H Datasheet HTML 3Page - Renesas Technology Corp HA13165H Datasheet HTML 4Page - Renesas Technology Corp HA13165H Datasheet HTML 5Page - Renesas Technology Corp HA13165H Datasheet HTML 6Page - Renesas Technology Corp HA13165H Datasheet HTML 7Page - Renesas Technology Corp HA13165H Datasheet HTML 8Page - Renesas Technology Corp HA13165H Datasheet HTML 9Page - Renesas Technology Corp HA13165H Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
HA13165H
Rev.1.00 Jan 16, 2007 page 7 of 9
Electrical Characteristics
(unless otherwise noted, Vcc = 13.2 V, Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
Standby current
IST
460
700
µA
ACC = 0 V, CTRL = 0 V
CTRL L level (STBY mode)
VCL
0
1.0
V
CTRL M level (CD OFF mode)
VCM
2.0
3.0
V
CTRL H level (CD ON mode)
VCH
4.0
V
ANT CTRL L level (ANT OFF mode)
VACL
0
2.0
V
ANT CTRL H level (ANT ON mode)
VACH
3.0
V
Output voltage
Vo1
5.45
5.7
5.95
V
Io1 = 80 mA
Voltage regulation
∆Vo11
10
50
mV
Vcc = 10 to 16 V, Io1 = 80 mA
Load regulation
∆Vo12
50
100
mV
Io1 = 0 to 80 mA
Minimum I/O voltage
differential
∆Vo13
1.0
1.5
V
Io1 = 80 mA
Output current capacity
Io1
100
250
mA
Vo1
≥ 5.45 V
VDD
OUT
Ripple rejection ratio
SVR1
50
60
dB
f = 100 Hz, Io1 = 80 mA
Output voltage
Vo2
6.7
7.0
7.3
V
Io2 = 1.0 A
Voltage regulation
∆Vo21
40
100
mV
Vcc = 10 to 16V, Io2 = 1.0 A
Load regulation
∆Vo22
70
150
mV
Io2 = 10m to 1.0 A
Minimum I/O voltage
differential
∆Vo23
1.0
1.5
V
Io2 = 1.0 A
Output current capacity
Io2
1.3
2.0
A
Vo2
≥ 6.7 V
CD
OUT
Ripple rejection ratio
SVR2
45
50
dB
f = 100 Hz, Io2 = 1.0 A
Output voltage
Vo3
8.0
8.5
9.0
V
Io3 = 400 mA
Voltage regulation
∆Vo31
30
90
mV
Vcc = 10 to 16 V, Io3 = 400 mA
Load regulation
∆Vo32
100
200
mV
Io3 = 10 to 400 mA
Minimum I/O voltage
differential
∆Vo33
0.4
0.9
V
Io3 = 400 mA
Output current capacity
Io3
500
850
mA
Vo3
≥ 8.0 V
AUDIO
OUT
Ripple rejection ratio
SVR3
40
50
dB
f = 100 Hz, Io3 = 400 mA
Output voltage
Vo4
9.35
9.85
10.35
V
Io4 = 400 mA
Voltage regulation
∆Vo41
40
100
mV
Vcc = 12.5 to 16 V, Io4 = 400 mA
Load regulation
∆Vo42
50
100
mV
Io4 = 10 to 400 mA
Minimum I/O voltage
differential
∆Vo43
1.0
1.5
V
Io4 = 400 mA
Output current capacity
Io4
500
900
mA
Vo4
≥ 9.35 V
ILM
OUT
Ripple rejection ratio
SVR4
32
40
dB
f = 100 Hz, Io4 = 400 mA
Differential I/O voltage
∆Vo51
1.0
1.5
V
Io5 = 500 mA
Load regulation
∆Vo52
350
600
mV
Io5 = 10 to 500 mA
ANT
OUT
Output current capacity
Io5
500
900
mA
Vo5
≥ 11.7 V
Output voltage
Vo6
4.6
5.0
5.4
V
Io6 = 80 mA, VDD = no load
SW5V
OUT
Output current capacity
Io6
100
300
mA
Vo6
≥ 4.6 V
Output voltage
Vo7
4.6
5.0
5.4
V
Io7 = 40 mA, VDD = no load
Output current capacity
Io7
100
300
mA
Vo7
≥ 4.6 V
Rise threshold voltage
VTHH7
2.6
2.8
3.0
V
ACC
OUT
Hysteresis range
∆VTH7
0.2
0.3
0.4
V
Threshold voltage
VTHH8
8.3
8.6
8.9
V
Hysteresis range
∆VTH8
0.55
0.75
0.95
V
BATT.
DET
Output current capacity
Io8
200
µA
Vo = 0.3 V


Similar Part No. - HA13165H

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13164 HITACHI-HA13164 Datasheet
130Kb / 18P
Multiple Voltage Regulator
HA13164A HITACHI-HA13164A Datasheet
130Kb / 18P
Multiple Voltage Regulator
logo
List of Unclassifed Man...
HA13164A ETC2-HA13164A Datasheet
2Mb / 31P
SEMICONDUCTORS
logo
Renesas Technology Corp
HA13164AH RENESAS-HA13164AH Datasheet
170Kb / 17P
Multiple Voltage Regulator for Car Audio
HA13166H RENESAS-HA13166H Datasheet
189Kb / 19P
Multiple Voltage Regulator for Car Audio
More results

Similar Description - HA13165H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L5950 STMICROELECTRONICS-L5950 Datasheet
132Kb / 8P
MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
logo
Renesas Technology Corp
HA13164AH RENESAS-HA13164AH Datasheet
170Kb / 17P
Multiple Voltage Regulator for Car Audio
HA13166H RENESAS-HA13166H Datasheet
189Kb / 19P
Multiple Voltage Regulator for Car Audio
HA13168H RENESAS-HA13168H Datasheet
130Kb / 11P
Multiple Voltage Regulator for Car Audio
HA13173H RENESAS-HA13173H Datasheet
218Kb / 24P
Multiple Voltage Regulator for Car Audio
HA13173AH RENESAS-HA13173AH Datasheet
121Kb / 10P
Multiple Voltage Regulator for Car Audio
logo
STMicroelectronics
L5955 STMICROELECTRONICS-L5955 Datasheet
203Kb / 17P
Multiple multifunction voltage regulator for car radio
L5962 STMICROELECTRONICS-L5962 Datasheet
248Kb / 24P
Multiple linear/switching voltage regulator for car-radio
December 2009 Rev 2
logo
Sanyo Semicon Device
LV56831P SANYO-LV56831P_12 Datasheet
400Kb / 9P
For Car Audio Systems Multi Voltage Regulator IC
logo
STMicroelectronics
L5954 STMICROELECTRONICS-L5954 Datasheet
171Kb / 15P
Multiple multifunction voltage regulator for car radio
July 2010 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com