Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA13164AH Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HA13164AH
Description  Multiple Voltage Regulator for Car Audio
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA13164AH Datasheet(HTML) 1 Page - Renesas Technology Corp

  HA13164AH Datasheet HTML 1Page - Renesas Technology Corp HA13164AH Datasheet HTML 2Page - Renesas Technology Corp HA13164AH Datasheet HTML 3Page - Renesas Technology Corp HA13164AH Datasheet HTML 4Page - Renesas Technology Corp HA13164AH Datasheet HTML 5Page - Renesas Technology Corp HA13164AH Datasheet HTML 6Page - Renesas Technology Corp HA13164AH Datasheet HTML 7Page - Renesas Technology Corp HA13164AH Datasheet HTML 8Page - Renesas Technology Corp HA13164AH Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Rev.2.00 Jan 16, 2007 page 1 of 16
HA13164AH
Multiple Voltage Regulator for Car Audio
REJ03F0139-0200
Rev.2.00
Jan 16, 2007
Description
The HA13164AH is a compact multiple voltage regulator for car audio system. The outputs of this IC output consist of
regulated 5.7 V output for a microcontroller, regulated 8 V output for CD driver, regulated 9.0 V output for audio
control, regulated 10 V output for illuminations and regulated 5 V output, VCC-dependent output for external output
and VCC-dependent output for remote-ANT.
Functions
General
• ACC power monitor circuit is built-in as to detect low voltage.
• Low saturation output (PNP output) used for audio output.
• Adjustable voltage for illumination output by changing an external resistor.
Protections
• Output current limit circuit to avoid device destruction caused by shorted output, etc.
• High surge input protector against VCC and ACC.
• Built in a thermal shutdown circuit to prevent against the thermal destruction.


Similar Part No. - HA13164AH

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA13164A HITACHI-HA13164A Datasheet
130Kb / 18P
Multiple Voltage Regulator
logo
List of Unclassifed Man...
HA13164A ETC2-HA13164A Datasheet
2Mb / 31P
SEMICONDUCTORS
More results

Similar Description - HA13164AH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA13166H RENESAS-HA13166H Datasheet
189Kb / 19P
Multiple Voltage Regulator for Car Audio
HA13165H RENESAS-HA13165H Datasheet
120Kb / 10P
Multiple Voltage Regulator for Car Audio
HA13173H RENESAS-HA13173H Datasheet
218Kb / 24P
Multiple Voltage Regulator for Car Audio
HA13168H RENESAS-HA13168H Datasheet
130Kb / 11P
Multiple Voltage Regulator for Car Audio
HA13173AH RENESAS-HA13173AH Datasheet
121Kb / 10P
Multiple Voltage Regulator for Car Audio
logo
STMicroelectronics
L5955 STMICROELECTRONICS-L5955 Datasheet
203Kb / 17P
Multiple multifunction voltage regulator for car radio
L5950 STMICROELECTRONICS-L5950 Datasheet
132Kb / 8P
MULTIPLE MULTIFUNCTION VOLTAGE REGULATOR FOR CAR RADIO
L5954 STMICROELECTRONICS-L5954 Datasheet
171Kb / 15P
Multiple multifunction voltage regulator for car radio
July 2010 Rev 1
L5962 STMICROELECTRONICS-L5962 Datasheet
248Kb / 24P
Multiple linear/switching voltage regulator for car-radio
December 2009 Rev 2
logo
Sanyo Semicon Device
LV56831P SANYO-LV56831P_12 Datasheet
400Kb / 9P
For Car Audio Systems Multi Voltage Regulator IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com