Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M5295AL Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # M5295AL
Description  Watchdog Timer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M5295AL Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button M5295AL Datasheet HTML 4Page - Renesas Technology Corp M5295AL Datasheet HTML 5Page - Renesas Technology Corp M5295AL Datasheet HTML 6Page - Renesas Technology Corp M5295AL Datasheet HTML 7Page - Renesas Technology Corp M5295AL Datasheet HTML 8Page - Renesas Technology Corp M5295AL Datasheet HTML 9Page - Renesas Technology Corp M5295AL Datasheet HTML 10Page - Renesas Technology Corp M5295AL Datasheet HTML 11Page - Renesas Technology Corp M5295AL Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
M5295AL/AP/AFP
REJ03D0780-0200 Rev.2.00 Jun 15, 2007
Page 8 of 12
Application Example
Clock
MCU/MPU
RST1
(RESET)
RST2
(HOLD)
123456
7
8
M5295A
VDD
Figure 8 Application Example
Notice for Use
1. When malfunction occurs due to noise or order related trouble, connect capacitance of approximately 1000 pF
between pin (5) and GND as well as pin (8) and GND to stabilize operation.
2. To adjust detection voltage, add resistance of 15 k
Ω or less to both V
CC and GND via adjusting pins. (Set detection
voltage to no less than 3 V.)
3. Set tWD and tRST(2) as shown below:
110
µs ≤ t
WD ≤ 1.1 s
8.3
µs ≤ t
RST(2) ≤ 83 ms
10 k
Ω ≤ R
1 ≤ 30 kΩ
4. Input clock pulses to pin (1) via capacitor. To determine capacitance, refer to “Relationship between input pulse
width and input capacitance Cin”.
123456
7
8
M5295A
VCC
RESET output
3.5V
Backup power supply
Backup switching voltage VTH2(L) Switching voltage calculation formula
Note: Set backup switching voltage to be more than or equal to backup supply voltage.
To System
R4
10k
R3
VTH2(L) =
× 1.24 (V)
R03 + R04
R04
R03 = R3 // 51.2kΩ
R04 = R4 // 18.8kΩ
Figure 9 Example of Backup Circuit with M5295AL


Similar Part No. - M5295AL

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M5295AL MITSUBISHI-M5295AL Datasheet
116Kb / 8P
   WATCHDOG TIMER
More results

Similar Description - M5295AL

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
   Watchdog Timer
logo
Renesas Technology Corp
HA16103FPJ RENESAS-HA16103FPJ Datasheet
364Kb / 19P
   Watchdog Timer
logo
Axiomtek Co., Ltd.
EBOX630-850-FL AXIOMTEK-EBOX630-850-FL Datasheet
350Kb / 1P
   Watchdog Timer
logo
Toshiba Semiconductor
TA8030F TOSHIBA-TA8030F Datasheet
292Kb / 9P
   WATCHDOG TIMER
TA8030S TOSHIBA-TA8030S Datasheet
267Kb / 9P
   WATCHDOG TIMER
logo
Hitachi Semiconductor
HA1835P HITACHI-HA1835P Datasheet
59Kb / 13P
   Watchdog Timer
logo
Mitsubishi Electric Sem...
M5295AL MITSUBISHI-M5295AL Datasheet
116Kb / 8P
   WATCHDOG TIMER
logo
Axiomtek Co., Ltd.
EBOX622-831-FL AXIOMTEK-EBOX622-831-FL Datasheet
327Kb / 1P
   Watchdog Timer
logo
Hitachi Metals, Ltd
HA16117F HITACHI-METALS-HA16117F Datasheet
250Kb / 31P
   CMOS Watchdog Timer
logo
Renesas Technology Corp
HA16117F RENESAS-HA16117F Datasheet
551Kb / 31P
   CMOS Watchdog Timer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com