Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1LV1616RSA-5SI Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R1LV1616RSA-5SI
Description  16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R1LV1616RSA-5SI Datasheet(HTML) 2 Page - Renesas Technology Corp

  R1LV1616RSA-5SI Datasheet HTML 1Page - Renesas Technology Corp R1LV1616RSA-5SI Datasheet HTML 2Page - Renesas Technology Corp R1LV1616RSA-5SI Datasheet HTML 3Page - Renesas Technology Corp R1LV1616RSA-5SI Datasheet HTML 4Page - Renesas Technology Corp R1LV1616RSA-5SI Datasheet HTML 5Page - Renesas Technology Corp R1LV1616RSA-5SI Datasheet HTML 6Page - Renesas Technology Corp R1LV1616RSA-5SI Datasheet HTML 7Page - Renesas Technology Corp R1LV1616RSA-5SI Datasheet HTML 8Page - Renesas Technology Corp R1LV1616RSA-5SI Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
R1LV1616R Series
REJ03C0101-0300Z Rev.3.00 2007.08.28
page 2 of 15
Ordering Information
% - Temperature version; see table below
-40 ~ +85 ºC
I
0 ~ +70 ºC
R
Temperature Range
%
55 ns (Note0)
R1LV1616RSA-5S%
55 ns (Note0)
R1LV1616RBG-5S%
55 ns (Note0)
R1LV1616RSD-5S%
350-mil 52-pin plastic µ - TSOP(II)
(normal-bend type) (52PTG)
70 ns
R1LV1616RSD-7S%
85 ns
R1LV1616RSD-8S%
7.5mmx8.5mm f-BGA 0.75mm pitch 48ball
70 ns
R1LV1616RBG-7S%
85 ns
R1LV1616RBG-8S%
85 ns
R1LV1616RSA-8S%
12mm x 20mm plastic TSOP(I)
(normal-bend type) (48P3R)
70 ns
R1LV1616RSA-7S%
Package
Access time
Type No.
Note0. 55ns parts can be supported under the condition of the input timing limitation toward SRAM on
customer’s system. Please contact our sales office in your region, in case of the inquiry for 55ns parts.


Similar Part No. - R1LV1616RSA-5SI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV1616RSA-5SI RENESAS-R1LV1616RSA-5SI Datasheet
117Kb / 15P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
More results

Similar Description - R1LV1616RSA-5SI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R1LV1616R_0709 RENESAS-R1LV1616R_0709 Datasheet
109Kb / 16P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
R1LV1616RBA-5SI RENESAS-R1LV1616RBA-5SI Datasheet
117Kb / 15P
   16Mb Advanced LPSRAM (1M wordx16bit / 2M wordx8bit)
R1WV3216R RENESAS-R1WV3216R_08 Datasheet
91Kb / 16P
   32Mb Advanced LPSRAM (2M wordx16bit)
R1LV1616R RENESAS-R1LV1616R Datasheet
122Kb / 16P
   16Mb superSRAM (1M wordx16bit)
RMLV1616A RENESAS-RMLV1616A Datasheet
426Kb / 16P
   16Mb Advanced LPSRAM (1M word 횞 16bit / 2M word x 8bit)
R1WV3216R RENESAS-R1WV3216R Datasheet
123Kb / 16P
   32Mb superSRAM (2M wordx16bit)
RMWV3216A RENESAS-RMWV3216A Datasheet
474Kb / 15P
   32Mb Advanced LPSRAM (2M word 횞 16bit)
RMLV1616A-U RENESAS-RMLV1616A-U Datasheet
337Kb / 15P
   16Mbit LPSRAM (1M word × 16bit / 2M word x 8bit)
2022.12.05
RMLV0414E RENESAS-RMLV0414E Datasheet
294Kb / 12P
   4Mb Advanced LPSRAM
RMLV0416E RENESAS-RMLV0416E Datasheet
312Kb / 15P
   4Mb Advanced LPSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com