Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STK16C88 Datasheet(PDF) 5 Page - Simtek Corporation

Part # STK16C88
Description  32Kx8 AutoStore nvSRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIMTEK [Simtek Corporation]
Direct Link  http://www.simtek.com
Logo SIMTEK - Simtek Corporation

STK16C88 Datasheet(HTML) 5 Page - Simtek Corporation

  STK16C88 Datasheet HTML 1Page - Simtek Corporation STK16C88 Datasheet HTML 2Page - Simtek Corporation STK16C88 Datasheet HTML 3Page - Simtek Corporation STK16C88 Datasheet HTML 4Page - Simtek Corporation STK16C88 Datasheet HTML 5Page - Simtek Corporation STK16C88 Datasheet HTML 6Page - Simtek Corporation STK16C88 Datasheet HTML 7Page - Simtek Corporation STK16C88 Datasheet HTML 8Page - Simtek Corporation STK16C88 Datasheet HTML 9Page - Simtek Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
STK16C88
February, 2007
Document Control #ML0018 Rev 0.3
SRAM WRITE CYCLES #1 & #2
(VCC = 5.0V ± 10%)
Note i:
If W is low when E goes low, the outputs remain in the high-impedance state.
Note j:
E or W must be
≥ VIH during address transitions.
SRAM WRITE CYCLE #1: W Controlledj
SRAM WRITE CYCLE #2: E Controlledj
NO.
SYMBOLS
PARAMETER
STK16C88-25
STK16C88-45
UNITS
#1
#2
Alt.
MIN
MAX
MIN
MAX
12
tAVAV
tAVAV
tWC
Write Cycle Time
25
45
ns
13
tWLWH
tWLEH
tWP
Write Pulse Width
20
30
ns
14
tELWH
tELEH
tCW
Chip Enable to End of Write
20
30
ns
15
tDVWH
tDVEH
tDW
Data Set-up to End of Write
10
15
ns
16
tWHDX
tEHDX
tDH
Data Hold after End of Write
0
0
ns
17
tAVWH
tAVEH
tAW
Address Set-up to End of Write
20
30
ns
18
tAVWL
tAVEL
tAS
Address Set-up to Start of Write
0
0
ns
19
tWHAX
tEHAX
tWR
Address Hold after End of Write
0
0
ns
20
tWLQZ
h, i
tWZ
Write Enable to Output Disable
10
15
ns
21
tWHQX
tOW
Output Active after End of Write
5
5
ns
PREVIOUS DATA
DATA OUT
E
ADDRESS
12
tAVAV
W
16
tWHDX
DATA IN
19
tWHAX
13
tWLWH
18
tAVWL
17
tAVWH
DATA VALID
20
tWLQZ
15
tDVWH
HIGH IMPEDANCE
21
tWHQX
14
tELWH
DATA OUT
E
ADDRESS
12
tAVAV
W
DATA IN
13
tWLEH
DATA VALID
HIGH IMPEDANCE
14
tELEH
18
tAVEL
17
tAVEH
15
tDVEH
19
tEHAX
16
tEHDX


Similar Part No. - STK16C88

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STK16C88 ETC1-STK16C88 Datasheet
197Kb / 10P
32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
logo
Simtek Corporation
STK16C88 SIMTEK-STK16C88 Datasheet
359Kb / 13P
32Kx8 AutoStore nvSRAM
logo
Cypress Semiconductor
STK16C88 CYPRESS-STK16C88 Datasheet
468Kb / 14P
256 Kbit (32K x 8) AutoStore nvSRAM
logo
List of Unclassifed Man...
STK16C88-25 ETC1-STK16C88-25 Datasheet
197Kb / 10P
32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
STK16C88-25I ETC1-STK16C88-25I Datasheet
197Kb / 10P
32K x 8 AutoStorePlus nvSRAM QuantumTrap CMOS Nonvolatile Static RAM
More results

Similar Description - STK16C88

ManufacturerPart #DatasheetDescription
logo
Simtek Corporation
STK14C88-3 SIMTEK-STK14C88-3 Datasheet
492Kb / 17P
32Kx8 AutoStore nvSRAM
STK16C88 SIMTEK-STK16C88_08 Datasheet
359Kb / 13P
32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88_08 Datasheet
519Kb / 20P
32Kx8 Autostore nvSRAM
STK14C88 SIMTEK-STK14C88 Datasheet
397Kb / 19P
32Kx8 AutoStore nvSRAM
STK14D88 SIMTEK-STK14D88 Datasheet
564Kb / 19P
32Kx8 Autostore nvSRAM
logo
Cypress Semiconductor
STK14D88 CYPRESS-STK14D88 Datasheet
422Kb / 17P
32Kx8 AutoStore nvSRAM
logo
Simtek Corporation
STK14C88 SIMTEK-STK14C88_08 Datasheet
388Kb / 19P
32Kx8 AutoStore nvSRAM
STK14C88-3 SIMTEK-STK14C88-3_08 Datasheet
425Kb / 18P
32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3_08 Datasheet
343Kb / 13P
32Kx8 AutoStore nvSRAM
STK16C88-3 SIMTEK-STK16C88-3 Datasheet
363Kb / 12P
32Kx8 AutoStore nvSRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com