Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G276P Datasheet(PDF) 1 Page - GTM CORPORATION

Part # G276P
Description  Complementary Output Hall Effect Latched Sink Driver IC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

G276P Datasheet(HTML) 1 Page - GTM CORPORATION

  G276P Datasheet HTML 1Page - GTM CORPORATION G276P Datasheet HTML 2Page - GTM CORPORATION G276P Datasheet HTML 3Page - GTM CORPORATION G276P Datasheet HTML 4Page - GTM CORPORATION G276P Datasheet HTML 5Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
G276P
Page: 1/5
ISSUED DATE :2005/11/24
REVISED DATE :
G
G 227766P
P
C
C o
o m
m p
p ll ee m
m ee n
n tt aa rr yy O
O u
u tt p
p u
u tt H
H aa ll ll E
E ff ff ee cc tt L
L aa tt cc h
h ee d
d S
S ii n
n kk D
D rr ii vv ee rr II C
C
Description
The G276P is an integrated Hall sensors with output drivers designed for electronic commutation of brushless DC motor
applications. The device includes an on-chip Hall voltage generator for magnetic sensing, a comparator that amplifies the
Hall voltage, and a Schmitt trigger to provide switching hysteresis for noise rejection, and complementary open-collector
drivers for sinking large current loads. An internal bandgap regulator is used to provide temperature compensated supply
voltage for internal circuits and allows a wide operating supply range.
If a magnetic flux density larger than threshold Bop, DO is turned on (low) and DOB is turned off (high). The output state is
held until a magnetic flux density reversal falls below Brp causing DO to be turned off and DOB turned on.
G276P is rated for operation over temperature range from -20
to
:
85 : and voltage range from 3.5V to 20V. The devices
are available in low cost die forms or rugged 4 pin SIP packages.
Features
*On-chip Hall sensor IC with two different sensitivity and hysteresis settings for G276P
*Internal bandgap regulator allows temperature compensated operations and a wide operating voltage range.
*High output sinking capability up to 300mA for driving large load.
*Lower current change rate reduces the peak output voltages during switching.
*Build in protection diode for chip reverse power connecting.
*Package: SIP-4L.
Application
1)Brushless DC Motor
2)Brushless DC Fan
3)Revolution Counting
4)Speed Measurement
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
1.295
1.803
D
5.105
5.359
A1
0.610
E
3.531
3.785
b
0.330
0.432
L
14.00
16.00
b1
0.406
0.508
e
1.27REF


Similar Part No. - G276P

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
G276P ETL-G276P Datasheet
226Kb / 5P
C o mp l e me n t a r y O u t p u t H a l l E f f e c t L a t c h e d S i n k D r i v e r I C
More results

Similar Description - G276P

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G266 GTM-G266 Datasheet
214Kb / 5P
Complementary Output Hall Effect Latched Sink Driver IC
logo
Cystech Electonics Corp...
CSH277A4 CYSTEKEC-CSH277A4 Datasheet
364Kb / 6P
Complementary Output Hall Effect Latched Sink Driver IC
CSH276PA4 CYSTEKEC-CSH276PA4 Datasheet
299Kb / 7P
Complementary Output Hall Effect Latched Sink Driver IC
CSH266A4 CYSTEKEC-CSH266A4 Datasheet
221Kb / 6P
Complementary Output Hall Effect Latched Sink Driver IC
logo
List of Unclassifed Man...
A277 ETC-A277 Datasheet
165Kb / 6P
COMPLEMENTARY OUTPUT HALL EFFECT LATCHED SINK DRIVER
logo
Major-Power Technology ...
MA7201 MPOWER-MA7201 Datasheet
388Kb / 6P
Complementary Output Hall Effect Fan Driver
MA7210 MPOWER-MA7210 Datasheet
350Kb / 6P
Complementary Output Hall Effect Fan Driver
MA277 MPOWER-MA277 Datasheet
328Kb / 6P
Complementary Output Hall Effect Fan Driver
MA266 MPOWER-MA266 Datasheet
120Kb / 2P
Complementary Output Hall Effect Fan Driver
Rev.1.3
MA382 MPOWER-MA382 Datasheet
121Kb / 2P
Complementary Output Hall Effect Fan Driver
Rev.1.3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com