Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP6544-I/ST Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP6544-I/ST
Description  Push-Pull Output Sub-Microamp Comparators
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6544-I/ST Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP6544-I/ST Datasheet HTML 16Page - Microchip Technology MCP6544-I/ST Datasheet HTML 17Page - Microchip Technology MCP6544-I/ST Datasheet HTML 18Page - Microchip Technology MCP6544-I/ST Datasheet HTML 19Page - Microchip Technology MCP6544-I/ST Datasheet HTML 20Page - Microchip Technology MCP6544-I/ST Datasheet HTML 21Page - Microchip Technology MCP6544-I/ST Datasheet HTML 22Page - Microchip Technology MCP6544-I/ST Datasheet HTML 23Page - Microchip Technology MCP6544-I/ST Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
MCP6541/1R/1U/2/3/4
DS21696E-page 20
© 2006 Microchip Technology Inc.
Package Marking Information (Continued)
14-Lead PDIP (300 mil) (MCP6544)
Example:
14-Lead TSSOP (MCP6544)
Example:
14-Lead SOIC (150 mil) (MCP6544)
Example:
XXXXXXXXXXXXXX
XXXXXXXXXXXXXX
YYWWNNN
XXXXXXXXXX
YYWWNNN
XXXXXXXX
YYWW
NNN
MCP6544-I/P
XXXXXXXXXXXXXX
0636256
MCP6544I
0636
256
XXXXXXXXXX
MCP6544ISL
0636256
XXXXXXXXXX
MCP6544E/P
0636256
OR
MCP6544
0636256
E/SL^^
OR
3
e
3
e
MCP6544
I/P^^
0636256
OR
3
e


Similar Part No. - MCP6544-I/ST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6544 MICROCHIP-MCP6544 Datasheet
803Kb / 46P
Push-Pull Output Sub-Microamp Comparators
2011
MCP6544 MICROCHIP-MCP6544 Datasheet
1Mb / 34P
Push-Pull Output Sub-Microamp Comparators
08/29/06
More results

Similar Description - MCP6544-I/ST

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6541 MICROCHIP-MCP6541 Datasheet
512Kb / 28P
Push-Pull Output Sub-Microamp Comparators
07/28/03
PIC16F648A-I MICROCHIP-PIC16F648A-I Datasheet
1Mb / 34P
Push-Pull Output Sub-Microamp Comparators
08/29/06
MCP6541 MICROCHIP-MCP6541_11 Datasheet
803Kb / 46P
Push-Pull Output Sub-Microamp Comparators
2011
MCP6546 MICROCHIP-MCP6546_12 Datasheet
1Mb / 44P
Open-Drain Output Sub-Microamp Comparators
11/29/11
MCP6549 MICROCHIP-MCP6549 Datasheet
625Kb / 28P
Open-Drain Output Sub-Microamp Comparators
2003
MCP6546 MICROCHIP-MCP6546_06 Datasheet
1Mb / 32P
Open-Drain Output Sub-Microamp Comparators
2006
logo
Texas Instruments
TLV3491A-EP TI1-TLV3491A-EP Datasheet
526Kb / 14P
1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV3701-Q1 TI1-TLV3701-Q1_14 Datasheet
952Kb / 18P
FAMILY OF NANOPOWER PUSH-PULL OUTPUT COMPARATORS
TLV3491A-EP TI1-TLV3491A-EP_14 Datasheet
526Kb / 15P
1.8 V, NANOPOWER, PUSH/PULL OUTPUT COMPARATORS
TLV3201 TI-TLV3201_15 Datasheet
1Mb / 30P
40-ns, microPOWER, Push-Pull Output Comparators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com