Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP1630 Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP1630
Description  High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1630 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP1630_05 Datasheet HTML 4Page - Microchip Technology MCP1630_05 Datasheet HTML 5Page - Microchip Technology MCP1630_05 Datasheet HTML 6Page - Microchip Technology MCP1630_05 Datasheet HTML 7Page - Microchip Technology MCP1630_05 Datasheet HTML 8Page - Microchip Technology MCP1630_05 Datasheet HTML 9Page - Microchip Technology MCP1630_05 Datasheet HTML 10Page - Microchip Technology MCP1630_05 Datasheet HTML 11Page - Microchip Technology MCP1630_05 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
MCP1630/MCP1630V
DS21896B-page 8
© 2005 Microchip Technology Inc.
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise noted, VIN = 3.0V to 5.5V, FOSC = 1 MHz with 10% Duty Cycle, CIN = 0.1 µF, VIN for typical
values = 5.0V, TA = -40°C to +125°C.
FIGURE 2-1:
Input Quiescent Current vs.
Input Voltage.
FIGURE 2-2:
Input Quiescent Current vs.
Input Voltage.
FIGURE 2-3:
Error Amplifier Frequency
Response.
FIGURE 2-4:
Error Amplifier Input Bias
Current vs. Input Voltage.
FIGURE 2-5:
Error Amplifier Sink Current
vs. Input Voltage.
FIGURE 2-6:
Error Amplifier Source
Current vs. Input Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
0.5
1
1.5
2
2.5
3
3.5
Input Voltage (V)
FOSC IN = DC
TA = - 40°C
TA = + 25°C
TA = + 125°C
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
Input Voltage (V)
FOSC IN = 1 MHz
TA = - 40°C
TA = + 25°C
TA = + 125°C
-14
-12
-10
-8
-6
-4
-2
0
2
1000000
10000000
Frequency (Hz)
0
50
100
150
200
250
Gain
Phase
VREF = 2V
RLOAD = 4.7 k
Ω
CLOAD = 67 pF
1M
10M
5M
-100
0
100
200
300
400
500
600
700
Input Voltage (V)
VCM = VIN
TA = - 40°C
TA = + 25°C
TA = + 125°C
TA = + 85°C
0
2
4
6
8
10
12
14
16
18
Input Voltage (V)
TA = - 40°C
TA = + 25°C
TA = + 125°C
-14
-12
-10
-8
-6
-4
-2
0
Input Voltage (V)
TA = - 40°C
TA = + 25°C
TA = + 125°C


Similar Part No. - MCP1630_05

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1630 MICROCHIP-MCP1630_06 Datasheet
529Kb / 26P
Coupled Inductor Boost Converter Demo Board
06/08/06
MCP1630 MICROCHIP-MCP1630_07 Datasheet
709Kb / 24P
Input Boost Converter Demo Board
12/08/06
More results

Similar Description - MCP1630_05

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1630 MICROCHIP-MCP1630 Datasheet
440Kb / 18P
High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
2004
MCP1630 MICROCHIP-MCP1630_13 Datasheet
365Kb / 26P
High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
2004-2013
MCP1631 MICROCHIP-MCP1631 Datasheet
594Kb / 34P
High-Speed, Pulse Width Modulator
2008
logo
Mitsubishi Electric Sem...
M66244FP MITSUBISHI-M66244FP Datasheet
78Kb / 15P
High Speed Monolithic Pulse Width Modulator
logo
Analog Devices
AD9560AKR AD-AD9560AKR Datasheet
427Kb / 8P
High Speed Monolithic Pulse Width Modulator
REV. 0
AD9560 AD-AD9560 Datasheet
424Kb / 8P
High Speed Monolithic Pulse Width Modulator
REV. 0
logo
Texas Instruments
UCC25706-Q1 TI1-UCC25706-Q1 Datasheet
589Kb / 18P
HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705-Q1 TI-UCC25705-Q1_15 Datasheet
771Kb / 19P
HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705 TI1-UCC25705_14 Datasheet
801Kb / 22P
HIGH--SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
logo
Analog Devices
AD9561 AD-AD9561 Datasheet
273Kb / 8P
Pulse Width Modulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com