Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP1630 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP1630
Description  High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1630 Datasheet(HTML) 3 Page - Microchip Technology

  MCP1630_05 Datasheet HTML 1Page - Microchip Technology MCP1630_05 Datasheet HTML 2Page - Microchip Technology MCP1630_05 Datasheet HTML 3Page - Microchip Technology MCP1630_05 Datasheet HTML 4Page - Microchip Technology MCP1630_05 Datasheet HTML 5Page - Microchip Technology MCP1630_05 Datasheet HTML 6Page - Microchip Technology MCP1630_05 Datasheet HTML 7Page - Microchip Technology MCP1630_05 Datasheet HTML 8Page - Microchip Technology MCP1630_05 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
© 2005 Microchip Technology Inc.
DS21896B-page 3
MCP1630/MCP1630V
Functional Block Diagram – MCP1630V
MCP1630V High-Speed PWM
R
S
Q
Q
EA
+
VREF
FB
Comp
+
CS
OSC IN
VIN
COMP
GND
VEXT
VIN
2.7V Clamp
Overtemperature
UVLO
100 k
Ω
0.1 µA
0.1 µA
VIN
VIN
Latch Truth Table
SR
Q
00
Qn
011
100
111
Note:
During overtemperature, VEXT driver is high-impedance.
Note


Similar Part No. - MCP1630_05

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1630 MICROCHIP-MCP1630_06 Datasheet
529Kb / 26P
Coupled Inductor Boost Converter Demo Board
06/08/06
MCP1630 MICROCHIP-MCP1630_07 Datasheet
709Kb / 24P
Input Boost Converter Demo Board
12/08/06
More results

Similar Description - MCP1630_05

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1630 MICROCHIP-MCP1630 Datasheet
440Kb / 18P
High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
2004
MCP1630 MICROCHIP-MCP1630_13 Datasheet
365Kb / 26P
High-Speed, Microcontroller-Adaptable, Pulse Width Modulator
2004-2013
MCP1631 MICROCHIP-MCP1631 Datasheet
594Kb / 34P
High-Speed, Pulse Width Modulator
2008
logo
Mitsubishi Electric Sem...
M66244FP MITSUBISHI-M66244FP Datasheet
78Kb / 15P
High Speed Monolithic Pulse Width Modulator
logo
Analog Devices
AD9560AKR AD-AD9560AKR Datasheet
427Kb / 8P
High Speed Monolithic Pulse Width Modulator
REV. 0
AD9560 AD-AD9560 Datasheet
424Kb / 8P
High Speed Monolithic Pulse Width Modulator
REV. 0
logo
Texas Instruments
UCC25706-Q1 TI1-UCC25706-Q1 Datasheet
589Kb / 18P
HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705-Q1 TI-UCC25705-Q1_15 Datasheet
771Kb / 19P
HIGH-SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
UCC25705 TI1-UCC25705_14 Datasheet
801Kb / 22P
HIGH--SPEED VOLTAGE MODE PULSE WIDTH MODULATOR
logo
Analog Devices
AD9561 AD-AD9561 Datasheet
273Kb / 8P
Pulse Width Modulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com