Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP1601 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP1601
Description  500 mA Synchronous BUCK Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1601 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP1601 Datasheet HTML 5Page - Microchip Technology MCP1601 Datasheet HTML 6Page - Microchip Technology MCP1601 Datasheet HTML 7Page - Microchip Technology MCP1601 Datasheet HTML 8Page - Microchip Technology MCP1601 Datasheet HTML 9Page - Microchip Technology MCP1601 Datasheet HTML 10Page - Microchip Technology MCP1601 Datasheet HTML 11Page - Microchip Technology MCP1601 Datasheet HTML 12Page - Microchip Technology MCP1601 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
 2003 Microchip Technology Inc.
DS21762A-page 9
MCP1601
3.0
PIN FUNCTIONS
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Input Voltage (VIN)
Connect the unregulated input voltage source to VIN. If
the input voltage source is located more than several
inches away, or is a battery, a typical input capacitor of
10 µF is recommended.
3.2
Shutdown Input (SHDN)
Connect SHDN to a logic low input to force the device
into a shutdown low quiescent current mode. When in
shutdown,
both
the
P-Channel
and
N-Channel
switches are turned off, in addition to the internal oscil-
lator and other circuitry. When connected to a logic high
input, the device will operate in the selected mode.
3.3
Feedback Input (FB)
Connect FB to an external resistor divider to set output
voltage regulation. The feedback pin is typically equal
to 0.8V. See Section 5.0, “Applications Information”, for
details in selecting feedback resistors.
3.4
Analog Ground Return (AGND)
Tie all small signal ground returns to AGND. (See
Section 5.6, “Printed Circuit Board Layout”, for details).
3.5
Oscillator Synchronization or
PWM/ PFM Select Mode Input
(SYNC/PWM)
Connect an external oscillator to SYNC/PWM to syn-
chronize. With an external oscillator present, the device
is forced into a PWM-only mode of operation. For inter-
nal oscillator operation, the SYNC/PWM pin is tied high
to operate in a forced PWM-only mode and low for a
PWM/PFM mode of operation.
3.6
Output Voltage Sense (VOUT)
Connect the output voltage directly to VOUT for sensing.
3.7
Power Ground Return (PGND)
Connect all large signal ground returns to PGND. (See
Section 5.6, “Printed Circuit Board Layout”, for details).
3.8
BUCK Inductor Connection (LX)
Connect LX directly to the BUCK inductor. This pin car-
ries large signal-level currents and all connections
should be as short and wide as possible. (See
Section 5.6, “Printed Circuit Board Layout”, for details).
Pin
Name
Function
1VIN
Input Voltage
2SHDN
Shutdown Input
3
FB
Feedback Input
4AGND
Analog Ground Return
5
SYNC/
PWM
Oscillator Synchronization or
PWM/ PFM Select Mode Input
6VOUT
Sensed Output Voltage Input
7PGND
Power Ground Return
8LX
BUCK Inductor Output


Similar Part No. - MCP1601

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1601 MICROCHIP-MCP1601_13 Datasheet
511Kb / 24P
500 mA Synchronous BUCK Regulator
11/29/12
More results

Similar Description - MCP1601

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1601 MICROCHIP-MCP1601_13 Datasheet
511Kb / 24P
500 mA Synchronous BUCK Regulator
11/29/12
TC1313 MICROCHIP-TC1313_09 Datasheet
621Kb / 32P
500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1313 MICROCHIP-TC1313 Datasheet
542Kb / 28P
500 mA Synchronous Buck Regulator, 300 mA LDO
2005
MCP1603 MICROCHIP-MCP1603 Datasheet
774Kb / 26P
2.0 MHz, 500 mA Synchronous Buck Regulator
2007
MCP1603 MICROCHIP-MCP1603_12 Datasheet
796Kb / 34P
2.0 MHz, 500 mA Synchronous Buck Regulator
2007-2012 11/29/11
TC1303A MICROCHIP-TC1303A Datasheet
635Kb / 36P
500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1303B MICROCHIP-TC1303B Datasheet
601Kb / 30P
500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1303A MICROCHIP-TC1303A_08 Datasheet
791Kb / 38P
500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
MCP1602 MICROCHIP-MCP1602 Datasheet
464Kb / 26P
2.0 MHz, 500 mA Synchronous Buck Regulator with Power-Good
2007
logo
National Semiconductor ...
LM20323A NSC-LM20323A Datasheet
505Kb / 20P
36V, 3A 500 kHz Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com