Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP1601 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP1601
Description  500 mA Synchronous BUCK Regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1601 Datasheet(HTML) 5 Page - Microchip Technology

  MCP1601 Datasheet HTML 1Page - Microchip Technology MCP1601 Datasheet HTML 2Page - Microchip Technology MCP1601 Datasheet HTML 3Page - Microchip Technology MCP1601 Datasheet HTML 4Page - Microchip Technology MCP1601 Datasheet HTML 5Page - Microchip Technology MCP1601 Datasheet HTML 6Page - Microchip Technology MCP1601 Datasheet HTML 7Page - Microchip Technology MCP1601 Datasheet HTML 8Page - Microchip Technology MCP1601 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
 2003 Microchip Technology Inc.
DS21762A-page 5
MCP1601
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, VIN = 4.2V, VOUT = 1.8V, L = 10 µH, COUT= 10 µF (X5R Ceramic), CIN = 10 µF (X5R
Ceramic), SYNC/PWM=VIN.
FIGURE 2-1:
Efficiency vs. Load Current
(VOUT = 1.2V).
FIGURE 2-2:
Efficiency vs. Load Current
(VOUT = 1.8V).
FIGURE 2-3:
Efficiency vs. Load Current
(VOUT = 3.3V).
FIGURE 2-4:
PFM Mode Quiescent
Current vs. Input Voltage.
FIGURE 2-5:
Oscillator Frequency vs.
Input Voltage.
FIGURE 2-6:
Output Voltage vs. Load
Current.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
40
50
60
70
80
90
100
0
100
200
300
400
500
Load Current (mA)
VOUT = 1.2V
Auto PWM/PFM
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
50
60
70
80
90
100
110
0
100
200
300
400
500
Load Current (mA)
VOUT = 1.8V
Auto PWM/PFM
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
50
60
70
80
90
100
110
0
100
200
300
400
500
Load Current (mA)
VOUT = 3.3V
Auto PWM/PFM
VIN = 5.0V
VIN = 4.5V
VIN = 5.5V
100
110
120
130
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
Input Voltage (V)
VOUT = 1.8V
PFM Mode
ILOAD = 0
TA = - 40°C
TA = + 0°C
TA = + 85°C
TA = + 25°C
680.0
700.0
720.0
740.0
760.0
780.0
2.73.1
3.53.9
4.34.7
5.15.5
Input Voltage (V)
TA = + 125°C
TA = - 40°C
TA = + 25°C
TA = 0°C
ILOAD = 10 mA
Forced PWM Mode
1.100
1.125
1.150
1.175
1.200
1.225
1.250
1.275
1.300
0
100
200
300
400
500
Load Current (mA)
VOUT = 1.2V
Auto PWM/PFM
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V


Similar Part No. - MCP1601

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1601 MICROCHIP-MCP1601_13 Datasheet
511Kb / 24P
   500 mA Synchronous BUCK Regulator
11/29/12
More results

Similar Description - MCP1601

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1601 MICROCHIP-MCP1601_13 Datasheet
511Kb / 24P
   500 mA Synchronous BUCK Regulator
11/29/12
TC1313 MICROCHIP-TC1313_09 Datasheet
621Kb / 32P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2009
TC1313 MICROCHIP-TC1313 Datasheet
542Kb / 28P
   500 mA Synchronous Buck Regulator, 300 mA LDO
2005
MCP1603 MICROCHIP-MCP1603 Datasheet
774Kb / 26P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007
MCP1603 MICROCHIP-MCP1603_12 Datasheet
796Kb / 34P
   2.0 MHz, 500 mA Synchronous Buck Regulator
2007-2012 11/29/11
TC1303A MICROCHIP-TC1303A Datasheet
635Kb / 36P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1303B MICROCHIP-TC1303B Datasheet
601Kb / 30P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
TC1303A MICROCHIP-TC1303A_08 Datasheet
791Kb / 38P
   500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2008
MCP1602 MICROCHIP-MCP1602 Datasheet
464Kb / 26P
   2.0 MHz, 500 mA Synchronous Buck Regulator with Power-Good
2007
logo
National Semiconductor ...
LM20323A NSC-LM20323A Datasheet
505Kb / 20P
   36V, 3A 500 kHz Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com