Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54AC04 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN54AC04
Description  SNx4AC04 Hex Inverters
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54AC04 Datasheet(HTML) 3 Page - Texas Instruments

  SN54AC04_V01 Datasheet HTML 1Page - Texas Instruments SN54AC04_V01 Datasheet HTML 2Page - Texas Instruments SN54AC04_V01 Datasheet HTML 3Page - Texas Instruments SN54AC04_V01 Datasheet HTML 4Page - Texas Instruments SN54AC04_V01 Datasheet HTML 5Page - Texas Instruments SN54AC04_V01 Datasheet HTML 6Page - Texas Instruments SN54AC04_V01 Datasheet HTML 7Page - Texas Instruments SN54AC04_V01 Datasheet HTML 8Page - Texas Instruments SN54AC04_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
4 Pin Configuration and Functions
Figure 4-1. SN54AC04 J or W Package; SN74AC04
D, DB, N, NS, or PW Package; 14-Pin CDIP, CFP,
SOIC, SSOP, PDIP, SOP, and TSSOP (Top View)
1Y
2A
2Y
3A
3Y
GND
6A
6Y
5A
5Y
4A
4Y
PAD
1A
V
CC
2
3
4
5
6
7
13
12
11
10
9
8
1
14
Figure 4-2. SN74AC04 BQA Package, 14-Pin WQFN
(Top View)
Figure 4-3. SN54AC04 FK Package, 20-Pin LCCC (Top View)
PIN
I/O
DESCRIPTION
NAME
D, DB, N,
NS, PW, J,
W, or BQA
FK
1A
1
2
Input
Channel 1, Input A
1Y
2
3
Output
Channel 1, Output Y
2A
3
4
Input
Channel 2, Input A
2Y
4
6
Output
Channel 2, Output Y
3A
5
8
Input
Channel 3, Input A
3Y
6
9
Output
Channel 3, Output Y
GND
7
10
Ground
4Y
8
12
Output
Channel 4, Output Y
4A
9
13
Input
Channel 4, Input A
5Y
10
14
Output
Channel 5, Output Y
5A
11
16
Input
Channel 5, Input A
6Y
12
18
Output
Channel 6, Output Y
6A
13
19
Input
Channel 6, Input A
VCC
14
20
Positive Supply
NC
1, 5, 7, 11, 15,
17
Not internally connected
Thermal Pad(1)
The thermal pad can be connected to GND or left floating. Do not connect to any
other signal or supply.
(1)
BQA package only.
www.ti.com
SN54AC04, SN74AC04
SCAS519G – JULY 1995 – REVISED JULY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: SN54AC04 SN74AC04


Similar Part No. - SN54AC04_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AC04FK TI-SN54AC04FK Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
SN54AC04J TI-SN54AC04J Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
SN54AC04W TI-SN54AC04W Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
More results

Similar Description - SN54AC04_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com