Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54AC04 Datasheet(PDF) 18 Page - Texas Instruments

Part # SN54AC04
Description  SNx4AC04 Hex Inverters
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN54AC04 Datasheet(HTML) 18 Page - Texas Instruments

Back Button SN54AC04_V01 Datasheet HTML 14Page - Texas Instruments SN54AC04_V01 Datasheet HTML 15Page - Texas Instruments SN54AC04_V01 Datasheet HTML 16Page - Texas Instruments SN54AC04_V01 Datasheet HTML 17Page - Texas Instruments SN54AC04_V01 Datasheet HTML 18Page - Texas Instruments SN54AC04_V01 Datasheet HTML 19Page - Texas Instruments SN54AC04_V01 Datasheet HTML 20Page - Texas Instruments SN54AC04_V01 Datasheet HTML 21Page - Texas Instruments SN54AC04_V01 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
30-May-2024
TUBE
L - Tube length
T - Tube
height
W - Tube
width
B - Alignment groove width
*All dimensions are nominal
Device
Package Name
Package Type
Pins
SPQ
L (mm)
W (mm)
T (µm)
B (mm)
5962-87609012A
FK
LCCC
20
55
506.98
12.06
2030
NA
5962-8760901DA
W
CFP
14
25
506.98
26.16
6220
NA
SN74AC04N
N
PDIP
14
25
506
13.97
11230
4.32
SN74AC04N
N
PDIP
14
25
506
13.97
11230
4.32
SN74AC04NE4
N
PDIP
14
25
506
13.97
11230
4.32
SN74AC04NE4
N
PDIP
14
25
506
13.97
11230
4.32
SNJ54AC04FK
FK
LCCC
20
55
506.98
12.06
2030
NA
SNJ54AC04W
W
CFP
14
25
506.98
26.16
6220
NA
Pack Materials-Page 3


Similar Part No. - SN54AC04_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AC04FK TI-SN54AC04FK Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
SN54AC04J TI-SN54AC04J Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
SN54AC04W TI-SN54AC04W Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
More results

Similar Description - SN54AC04_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com