Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D411 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # D411
Description  Accessories Mounting Material
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

D411 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  D411 Datasheet HTML 1Page - List of Unclassifed Manufacturers D411 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Specifications are subject to change without notice (03.09.99)
1
Dupline® Field- and Installationbus
Accessories
Mounting Material
Text markers
e.g. Weidmüller type SG10
Socket cover
BB 5
Hold down spring
HF
DIN-rail
FMD 411
D 411
Socket type D 411
11- pole socket for devices with spade plug (4.8 x 0.5 mm).
Material
Noryl SE1
Colour
Grey
Socket cover type BB 5
Cover for socket type D 411
for covering the front screw
connections of the socket.
The holes (
∅ 5 mm) on top of
the terminals prevent from
accidental touching, but allow
measurements without re-
moving the socket cover.
Rating
10 A/250 VAC (IEC 60664)
Isolation group
C 380 VAC (VDE 0110)
Material
Noryl SE 1
Colour
Grey
Screw terminals
11 pcs. M4 screws
Contact spring
Tin-plated brass
Retaining spring
Stainless steel
Mounting holes
2 x
∅ 3.0
DIN-rail mounting
EN 50022
Approvals
UL, CSA
Accessories for socket type D 411
BB 5
Dimensions in [mm]
Dimensions in [mm]


Similar Part No. - D411

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
D41 NTE-D41 Datasheet
494Kb / 1P
Circuit Breakers
logo
SL Power Electronics
D41-050750-A000G SLPOWER-D41-050750-A000G Datasheet
20Kb / 1P
D41 Euro Wall Mount 2-6 Watts Series
D41-060800-A000G SLPOWER-D41-060800-A000G Datasheet
20Kb / 1P
D41 Euro Wall Mount 2-6 Watts Series
D41-061000-A000G SLPOWER-D41-061000-A000G Datasheet
20Kb / 1P
D41 Euro Wall Mount 2-6 Watts Series
D41-070750-A000G SLPOWER-D41-070750-A000G Datasheet
20Kb / 1P
D41 Euro Wall Mount 2-6 Watts Series
More results

Similar Description - D411

ManufacturerPart #DatasheetDescription
logo
Carlo Gavazzi Holding A...
MB02 CARLOGAVAZZI-MB02 Datasheet
661Kb / 3P
Photoelectrics Accessories Mounting Material
logo
Mean Well Enterprises C...
MHS027 MEANWELL-MHS027 Datasheet
38Kb / 1P
Mounting Accessories
MHS025 MEANWELL-MHS025 Datasheet
30Kb / 1P
Mounting Accessories
MHS012 MEANWELL-MHS012 Datasheet
57Kb / 1P
Mounting Accessories
DRP-04 MEANWELL-DRP-04 Datasheet
37Kb / 1P
Mounting Accessories
DRP-02 MEANWELL-DRP-02 Datasheet
38Kb / 1P
Mounting Accessories
MHS014 MEANWELL-MHS014 Datasheet
35Kb / 1P
Mounting Accessories
DRL-02 MEANWELL-DRL-02 Datasheet
42Kb / 1P
Mounting Accessories
DRL-03A MEANWELL-DRL-03A Datasheet
48Kb / 1P
Mounting Accessories
DRP-03 MEANWELL-DRP-03 Datasheet
37Kb / 1P
Mounting Accessories
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com